Electronic Components Datasheet Search
  English  ▼

X  

AD8092ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8092ARM
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8092ARM Datasheet HTML 5Page - Analog Devices AD8092ARM Datasheet HTML 6Page - Analog Devices AD8092ARM Datasheet HTML 7Page - Analog Devices AD8092ARM Datasheet HTML 8Page - Analog Devices AD8092ARM Datasheet HTML 9Page - Analog Devices AD8092ARM Datasheet HTML 10Page - Analog Devices AD8092ARM Datasheet HTML 11Page - Analog Devices AD8092ARM Datasheet HTML 12Page - Analog Devices AD8092ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
–9–
AD8091/AD8092
REV. A
FREQUENCY – MHz
–10
–20
0.1
500
1
10
100
–50
–80
–90
–100
–30
–40
–70
–60
VS = +5V
RF = 2k
RL = 2k
VO = 2V p-p
TPC 13. AD8092 Crosstalk (Output-to-Output) vs. Frequency
FREQUENCY – MHz
0
–10
–100
0.03
500
0.1
1
10
100
–40
–70
–80
–90
–20
–30
–60
–50
VS = +5V
TPC 14. CMRR vs. Frequency
FREQUENCY – MHz
100.0
0.1
1
10
100
500
3.1
0.1
0.031
0.01
31.0
10.0
0.31
1
VS = +5V
G = +1
TPC 15. Closed-Loop Output Resistance vs. Frequency
FREQUENCY – MHz
20
–10
–30
–50
–70
10
0
–20
–40
–60
–80
1
500
10
100
0.1
0.01
VS = +5V
–PSRR
+PSRR
TPC 16. PSRR vs. Frequency
INPUT STEPS – V p-p
60
0
40
30
20
10
50
70
0.5
2.0
1.0
1.5
VS = +5V
G = –1
RL = 2k
TPC 17. Settling Time vs. Input Step
LOAD CURRENT – mA
1.00
0.30
0
065
5 10 15 2025 30 354045 5055 60
0.90
0.40
0.20
0.10
0.70
0.50
0.80
0.60
70 75 80 85
VOH = +85 C
VOH = +25 C
VOH = –40 C
VOL = +85 C
VOL = +25 C
VOL = –40 C
VS = +5V
TPC 18. Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com