Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DM134B Datasheet HTML 11Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 12Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 13Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 14Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 15Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 16Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 17Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 18Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-17-
Version
:
:
:
:A.001
Preliminary
Package Outline
QFN32
DIMENSION
(mm)
DIMENSION
(MIL)
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
27.6
29.5
31.5
A1
0
0.02
0.05
0
0.79
1.97
A3
0.25 REF
9.84 REF
b
0.18
0.23
0.30
7.09
9.06
11.81
D
5.00 BSC
196.85 BSC
D2
1.25
2.70
3.25
49.21
106.30
127.95
E
5.00 BSC
196.85 BSC
E2
1.25
2.70
3.25
49.21
106.30
127.95
e
0.50 BSC
19.69 BSC
L
0.30
0.40
0.50
11.81
15.75
19.69
y
0.10
3.94
Note: 1.DIMENSIONING AND TOLERANCING CONFORM TO ASME Y145.5M-1994.
2. REFER TO JEDEC STD. MO-220 WHHD-2 ISSUE A
16
16
16
169
99
9
17
17
17
17
24
24
24
24
25
25
25
25
32
32
32
32
1
11
1
8
88
8
BOTTOM VIEW
D2
D
e
b
SEATING PLANE
y
yy
y C
C
C
C
0.10
0.10
0.10
0.10 C
C
C
C
0.10
0.10
0.10
0.10 M C
C
C
CA
A
A
AB
B
B
B
TOP VIEW
9
99
9
16
16
16
16
8
88
8
17
17
17
17
24
24
24
24
1
11
1
32
32
32
32
25
25
25
25
0.25
0.25
0.25
0.25 C
C
C
C
0.25
0.25
0.25
0.25 C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com