Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM134B Datasheet HTML 11Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 12Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 13Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 14Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 15Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 16Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 17Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 18Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-14-
Version
:
:
:
:A.001
Preliminary
Package Outline
P-DIP 24
UNIT:INCH
0.100typ
0.018typ
0.060typ
SEATING PLANE
0.130
± 0.05
0.210
1.250
± 0.03
θ
=7 ~15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com