Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM134B Datasheet HTML 2Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 3Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 4Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 5Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 6Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 7Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 8Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 9Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-5-
Version
:
:
:
:A.001
Preliminary
Maximum Ratings (Ta = 25°°°°C, Tj
(max) = 150
°°°°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
0 ~ 7.0
V
Input Voltage
VIN
-0.4 ~ VDD+0.4
V
90 ( DM134B )
Output Current
IOUT
60 ( DM135B )
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Clock Frequency
fCLK
25
MHz
1440 ( DM134B )
GND Terminal Current
IGND
960 ( DM135B )
mA
2.5 (DIP-24 : Ta=25
°C)
1.58 (SOP-24 : Ta=25
°C)
1.39 (SSOP-24 : Ta=25
°C)
Power Dissipation
(On 4-layer PCB)
PD
3.08 (QFN-32 : Ta=25
°C)
W
50.0 (DIP-24)
79.2 (SOP-24)
90.2 (SSOP-24)
Thermal Resistance
(On 4-layer PCB)
Rth(j-a)
40.6 (QFN-32)
°C/W
Operating Temperature
Topr
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
3.0
5.0
5.5
V
Output Voltage
VOUT
17
V
Operating temperature
TOPR
-40
85
℃
IOH
SERIAL-OUT
1.0
Output Current
IOL
SERIAL-OUT
-1.0
mA
VIH
0.7VDD
VDD+0.3
Input Voltage
VIL
-0.3
0.3VDD
V
LATCH Pulse Width
tw LAT
15
ns
CLOCK Pulse Width
tw CLK
15
ns
Set-up Time for DATA
tsetup(D)
20
ns
Hold Time for DATA
thold(D)
20
ns
Set-up Time for LATCH
tsetup(L)
VDD = 3.0 ~ 5.5 V
15
ns
Clock Frequency
fCLK
Cascade operation
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com