Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM134B Datasheet HTML 10Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 11Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 12Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 13Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 14Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 15Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 16Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 17Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-13-
Version
:
:
:
:A.001
Preliminary
System Configuration Example
[1] Output current (IOUT)
Sink current is set by the external resistor as shown in the figure of Iout vs. Rext.
[2] LED supply voltage (VLED) setup
VLED
= V
CE ( Tr Vsat ) + Vf ( LED forward voltage ) + VO ( IC output voltage)
To prevent too much power from dissipating by the higher V
LED of the device, an
additional R can be used to reduce the Vout when the outputs consume current is as follows:
R =
(max)
*
(max)
(min)
Bit
I
V
V
V
V
O
O
f
CE
LED
−
−
−
Note
This device has only one ground pin shared by signal, output sink current, and power ground. It is
advisable to pattern the ground layout with minimized inductance so that the switching noise induced
by the input signals and the output sink current would not cause chip malfunction. To prevent drivers’
outputs from damaging by overshoot stresses, it is also advisable not to turn off the drivers and scan
transistors simultaneously. For the QFN package, the IC’s thermal pad, which is internally connected to
the bottom side of chip, should be connected to GND. In addition, a good PCB layout pattern of the
thermal pad is required in order to have a better performance in thermal effect.
SERIAL-OUT
VLED = 3~4 (V)
OUT15
OUT0
GND
R-EXT
LATCH
CPU
SERIAL-IN
SCAN
CLOCK
SERIAL-OUT
OUT15
OUT0
GND
R-EXT
LATCH
SERIAL-IN
CLOCK
R
VCE
+
—
Vf
Vo
—
+
ENABLE
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com