Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM134B Datasheet HTML 7Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 8Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 9Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 10Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 11Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 12Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 13Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 14Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-10-
Version
:
:
:
:A.001
Preliminary
Output Current vs. External Resistor
DM134B
DM135B
Note:
The resistor should be placed as close to the Rext terminal as possible to avoid the noise
influence.
Conditions: Vref=1.30V
DM134B:Iout ≈ Vref / Rext * 13.1,
DM135B:Iout ≈ Vref / Rext * 13.9.
20
30
40
50
60
70
80
90
100
0
2 00
400
6 0 0
800
Rext
(Oh m)
0
10
20
30
40
50
60
70
0
500
1 000
1 500
2 000
Rext
( O hm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com