Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM134B
Description  16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM134B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM134B Datasheet HTML 3Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 4Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 5Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 6Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 7Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 8Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 9Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 10Page - List of Unclassifed Manufacturers DM134B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DM134B
、
、
、
、DM135B
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-6-
Version
:
:
:
:A.001
Preliminary
Electrical Characteristics (VDD = 5.0 V, Ta = 25°°°°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
0.7VDD
VDD
Input Voltage “L” Level
VIL
GND
0.3VDD
V
Output Leakage Current
IOH
VOH = 17 V
1.0
uA
VOL
IOL = 1.0 mA
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA
4.6
V
DM134B
REXT = 377
Ω
Output Current (Bit-Bit)
Δ
Iout
DM135B
VOUT = 1.2V
(1 channel on)
REXT = 900
Ω
±
1.5
±
4
%
DM134B
REXT = 377
Ω
36.0
40.0
44.0
Output Current (Chip-Chip) Iout
DM135B
VOUT = 1.2V
(1 channel on)
REXT = 900
Ω
18.0
20.0
22.0
mA
IDM134B
REXT = 377
Ω
Output Voltage Regulation
IDM135B
Vout = 1.2V ~ 5.0V
(% / Vout)
REXT =900
Ω
0.1
0.5
% / V
Supply Voltage Regulation
% / VDD Vdd = 3.0V ~ 5.5V
1
3
% / V
Pull-Up Resistor
RIN(up)
150
300
600
K
Ω
Pull-Down Resistor
RIN(down)
100
200
400
K
Ω
REXT = OPEN, all outputs off
2
4
DM134B
REXT = 210
Ω, all outputs off
14
28
REXT = OPEN, all outputs off
2
4
Supply Current “OFF”
Idd
(off)
DM135B
REXT = 300
Ω, all outputs off
14
28
DM134B
REXT = 210
Ω, all outputs on
14
28
Supply Current “ON”
Idd
(on)
DM135B
REXT = 300
Ω, all outputs on
14
28
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com