Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCM Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL5586FCM Datasheet HTML 1Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 2Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 3Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 4Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 5Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 6Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 7Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 8Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 5 of 20
Nov 3, 2004
Forward Active, BSEL = 2.0V, VBH = -100V
ICC
-7.0
9.0
mA
IBL
-1.4
2.0
mA
IBH
-1.8
3.0
mA
Forward Active, BSEL = 2.0V, VBH = -85V
ICC
-6.6
8.5
mA
IBL
-
1.35
2.0
mA
IBH
-
1.60
2.75
mA
Forward Active, BSEL = 2.0V, VBH = -75V
ICC
-6.3
8.0
mA
IBL
-
1.25
2.0
mA
IBH
-
1.45
2.5
mA
Ringing, BSEL = 2.0V, VBH = -100V
ICC
-
7.4
10.0
mA
IBL
-1.5
2.0
mA
IBH
-2.2
3.0
mA
Ringing, BSEL = 2.0V, VBH = -85V
ICC
-
6.80
9.25
mA
IBL
-
1.36
2.0
mA
IBH
-2.1
3.0
mA
Ringing, BSEL = 2.0V, VBH = -75V
ICC
-6.4
8.5
mA
IBL
-
1.26
2.0
mA
IBH
-2.0
3.0
mA
Forward Loopback, BSEL = 0.8V, VBL = -24V
ICC
-
10.3
13.5
mA
IBL
-
23.0
32.0
mA
Tip Open, BSEL = 2.0V
ICC
-3.2
-
mA
IBL
-0.1
-
mA
Power Denial, BSEL = 0.8V or 2.0V
ICC
-3.4
6.0
mA
IBL
-
0.22
0.50
mA
ON HOOK POWER DISSIPATION (Note 6)
Forward or Reverse
VBL = -24V
-
57
-
mW
Low Power Standby
VBH = -100V
-
83
-
mW
VBH = -85V
-
70
-
mW
VBH = -75V
-
64
-
mW
Ringing
VBH = -100V
-
294
-
mW
VBH = -85V
-
236
-
mW
VBH = -75V
-
206
-
mW
OFF HOOK POWER DISSIPATION (Note 6)
Forward or Reverse
VBL = -24V, ILIM = 25mA, RL = 300
-
305
-
mW
POWER SUPPLY REJECTION RATIO
VCC to 2-Wire, BSEL = 0.8V
f = 50kHz
-
50
-
dB
f = 300Hz
 f 3400Hz
-
45
-
dB
f = 8kHz
 f 16kHz
-
28
-
dB
VCC to 4-Wire, BSEL = 0.8V
f = 50Hz
-
70
-
dB
f = 300Hz
 f 3400Hz
-
55
-
dB
f = 8kHz
 f 16kHz
-
40
-
dB
VBL to 2-Wire, BSEL = 0.8V
f = 50Hz
-
25
-
dB
f = 300Hz
 f 3400Hz
-
38
-
dB
f = 8kHz
 f 16kHz
-
28
-
dB
VBL to 4-Wire, BSEL = 0.8V
f = 50Hz
-
27
-
dB
f = 300Hz
 f 3400Hz
-
36
-
dB
f = 8kHz
 f 16kHz
-
23
-
dB
VBH to 2-Wire, BSEL = 2.0V
f = 50Hz
-
27
-
dB
f = 300Hz
 f 3400Hz
-
35
-
dB
f = 8kHz
 f 16kHz
-
23
-
dB
Electrical Specifications
Unless Otherwise Specified, TA = -40oC to 85oC, VBL = -24V, VBH = -100V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
, 2-wire terminating impedance over the
frequency band of 300Hz to 3.4kHz. Protection resistors = 0
. These parameters apply generically to each
product offering. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com