Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCM Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCM Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL5586FCM Datasheet HTML 1Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 2Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 3Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 4Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 5Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 6Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 7Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 8Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN4924 Rev 2.00
Page 1 of 20
Nov 3, 2004
FN4924
Rev 2.00
Nov 3, 2004
ISL5586
Low Power Ringing SLIC for Home Gateways
DATASHEET
The ISL5586 is a very low
power Ringing Subscriber
Interface circuit designed for
use with the Broadcom
BCM3352 Cable Modem Chip,
with on-board voiceband codecs, or other 3.3V voiceband
codec devices.
The ISL5586 provides on board ringing signal generation up
to 95V peak supporting sinusoidal or trapezoidal
waveshapes with DC offset. Loop start and ground start
trunks are supported, and an open circuit DC voltage of less
than 56V is maintained on the subscriber loop in the on-hook
condition, in compliance with MTU operation and the safety
requirements of UL-1950.
Together with the Broadcom BCM3352, the ISL5586
provides resistive and complex two wire impedance
matching and transhybrid balancing. Also supported are on-
hook transmission of caller id signals, soft and hard polarity
reversal and 12/16kHz subscriber pulse metering systems
used in Europe and Asia, thereby allowing a low cost, low
risk, global product design to be achieved.
Related Literature
• Evaluation Board for the ISL5586 family AN9918
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
• Interfaces to Broadcom 3352 cable modem device
• Very low on-hook power consumption
- 64mW @ Vbh = 75V
• User Programmable constant current to the subscriber
loop
• On Chip ring generation
- Balanced to 95Vpk
• Sinewave, Trapezoid, DC offset
• Programmable loop start and ring trip detectors
• Loop start, Ground Start, Polarity Reversal (soft/hard)
• On-Hook transmission and pulse metering support
• Integrated battery switch
• Open circuit line voltage clamp
• Compatible with 3.3V devices
• TR-57 compliant Longitudinal balance
• 28 PLCC packaging
• Latch-up free Bipolar design
• Thermal protection
• Pb-Free Available (RoHS Compliant)
Applications
• Cable Modems
• Voice Over DSL (VoDSL)
• Broadband Wireless Access
• Voice Over Internet Protocol (VoIP)
• ISDN Terminal Adapters (TA)
• Small Office Home Office PBX
• Wireless Local Loop
Block Diagram
VRSP
VRXM
-IN
VFB
F2
F1
F0
ILIM
RTD
DET
RINGING
PORT
4-WIRE
PORT
CONTROL
LOGIC
BATTERY
SWITCH
TRANSMIT
SENSING
DETECTOR
LOGIC
DC
CONTROL
2-WIRE
PORT
INTERNAL
LOOP BACK
POL
CDCM
VBH
VBL
BSEL
TRANSIENT
CURRENT
LIMIT
TIP
RING
TL
RD
VRSM
VRXP
VTXP
VTXM
VZO
CDCP


Similar Part No. - ISL5586FCM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5586FCM INTERSIL-ISL5586FCM Datasheet
497Kb / 20P
Low Power Ringing SLIC for Home Gateways
June 2001
More results

Similar Description - ISL5586FCM

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
Low Power Ringing SLIC for Home Gateways
June 2001
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
5V / 3.3V Low Power Ringing SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
Low Power Ringing SLIC for Home Gateways
November 3, 2004
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com