Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCM Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCM Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL5586FCM Datasheet HTML 12Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 13Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 14Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 15Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 16Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 17Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 18Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 19Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 17 of 20
Nov 3, 2004
Pin Descriptions
PLCC
SYMBOL
DESCRIPTION
1
TIP
TIP Power Amplifier Output.
2
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground.
Internally separate from AGND and SGND but should be connected to the same potential as AGND & SGND.
3VBL
Low Battery Supply Connection.
4VBH
High Battery Supply Connection.
5
BSEL
Selects between high and low battery, with a logic “1” selecting the high battery and logic “0” the low battery.
6
F2
TTL Mode Control Input - MSB.
7
F1
TTL Mode Control Input.
8
F0
TTL Mode Control Input - LSB.
9
DET
Detector Output - This TTL output provides on-hook/off-hook status of the loop based upon the selected operating mode.
The detected output will either be switch hook or ring trip.
10
VRSP
Non-Inverting Ringing Signal Input - Analog input for driving 2-wire interface while in Ring Mode.
11
VRSM
Inverting Ringing Signal Input - Analog input for driving 2-wire interface while in Ring Mode.
12
VTXP
Transmit Output Voltage - AC couples to CODEC.
13
VTXM
Transmit Output Voltage - AC couples to CODEC.
14
AGND
Analog Ground Reference. This pin should be externally connected to BGND.
15
POL
An External Capacitor on this pin sets the polarity reversal time.
16
VRXP
Non-Inverting Analog Receive Voltage - 4-wire analog audio input voltage.
17
VRXM
Inverting Analog Receive Voltage - 4-wire analog audio input voltage.
18
VZO
Connection Terminal for impedance matching programming resistor
19
-IN
Connection Terminal for high pass filter capacitor and impedance matching components.
20
VFB
Connection Terminal for high pass filter capacitor and impedance matching components.
21
TL
Transient Current Limit Programming Resistor Connection Terminal.
22
VCC
Positive Voltage Power Supply, +5V +/-5%.
23
CDCP
DC Biasing Filter Capacitor - Positive Terminal.
24
CDCM
DC Biasing Filter Capacitor - Negative Terminal.
25
RTD
Ring Trip Filter Network Connection Terminal.
26
ILIM
Loop Current Limit programming resistor connection terminal.
27
RD
Switch Hook Detection threshold programming resistor connection terminal.
28
RING
RING Power Amplifier Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com