Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586FCM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL5586FCM Datasheet HTML 3Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 4Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 5Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 6Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 7Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 8Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 9Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 10Page - Renesas Technology Corp ISL5586FCM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 7 of 20
Nov 3, 2004
4-WIRE TO 2-WIRE GAIN
The 4-wire to 2-wire gain (G42) is defined as the receive
gain. It is a function of the terminating impedance,
synthesized impedance and protection resistors. The gain is
defined from the Receive input terminals (VRXP, VRXM) to
the terminating impedance (ZL) on the 2-wire side, and is
illustrated in Figure 12.
When the device source impedance and the protection
resistors equal the terminating impedance, the receive gain
equals 2.92dB and is inverted with respect to the input.
2-WIRE TO 4-WIRE GAIN
The 2-wire to 4-wire gain (G24) is the gain from tip and ring to
the transmit differential output. The transmit gain is given by
Equation 11. Note that VTR is defined on the line side of the
protection resistors (reference Figure 13). With ZL set to 600
ohms, the protection resistors set to 50
/terminal and
Z0 =ZL-2RP the Transmit gain equals -0.833 (-1.59dB) and
is inverted with respect to the 2-wire input (VTR).
TRANSHYBRID GAIN
The transhybrid gain is defined as the 4-wire to 4-wire gain
(G44) and is given by Equation 12 (Reference Figure 14)).
Transient Current Limit
The drive current capability of the output amplifiers is
determined by an externally programmable output current
limit circuit which is separate from the DC loop current limit
function. The transient current limit is programmed with a
resistor to ground at the TL pin. The current limit circuit
works in both the source and sink direction, with an internally
fixed offset to prevent the current limit functions from turning
on simultaneously. The current limit function is provided by
sensing line current and reducing the voltage drive to the
load when the externally set threshold is exceeded, hence
forcing a constant source or sink current.
SOURCE CURRENT PROGRAMMING
The source current is externally programmed as shown in
Equation 13.
For example, a source current limit setting of 50mA is
programmed with a 35.6k
 resistor connected from pin 16 of
the device to ground. This setting determines the maximum
amount of current which flows from Tip to Ring during an off
hook event until the DC loop current limit responds. In addition
this setting also determines the amount of current which will
flow from Tip or Ring when external battery faults occur.
SINK CURRENT PROGRAMMING
The sink current limit is internally offset 20% higher than the
externally programmed source current limit setting.
If the source current limit is set to 50mA, the sink current limit
will be 60mA. This setting will determine the amount of current
which flows into Tip or Ring when external ground faults occur.
FUNCTIONAL DESCRIPTION
Each amplifier is designed to limit source current and sink
current. The diagram below shows the functionality of the
circuit for the case of limiting the source current. A similar
diagram applies to the sink current limit with current polarity
changed accordingly.
During normal operation, the error current (IERR) is zero and
the output voltage is determined by the signal current (ISIG)
multiplied by the 200K feedback resistor. With the current
polarity as shown for ISIG, the output voltage moves positive
with respect to half battery. Assuming the amplifier output is
driving a load at a more negative potential, the amplifier
output will source current.
During excessive output source current flow, the scaled
output current (IO/K) exceeds the reference current (IREF)
forcing an error current (IERR). With the polarity as shown
the error current subtracts from the signal current, which
reduces the amplifier output voltage. By reducing the output
voltage the source current to the load is decreased and the
output current is limited.
DETERMINING THE PROPER SETTING
Since this feature programs the maximum output current of
the device, the setting must be high enough to allow for
detection of ring trip or programmed off hook loop current,
whichever is greater.
CP
C2 133.3
=
(EQ. 8)
ZO
R1 RP1
–
RP2
–
 R2 C2
+
=
(EQ. 9)
G42
2.8
ZL
ZO + 2RP + ZL
------------------------------------------



–
=
(EQ. 10)
G24
2
ZO
ZO + 2RP + ZL
------------------------------------------



–
=
(EQ. 11)
G44
2.8
ZO
ZO 2RP ZL
++
---------------------------------------



–
=
(EQ. 12)
RTL
1780
ISRC
-------------
=
(EQ. 13)
ISNK
1.20 ISRC
=
(EQ. 14)
FIGURE 2. CURRENT LIMIT FUNCTIONAL DIAGRAM
TIP or RING
+
-
IREF = 1.21/TL
IO
IO/K
IERR
ISIG
20
200K
VB/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com