Electronic Components Datasheet Search
  English  ▼

X  

G9SA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G9SA
Description  Sicherheitsmodul
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G9SA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G9SA Datasheet HTML 1Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 2Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 3Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 4Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 5Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 6Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 7Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 8Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
G9SA
G9SA
4
Anwendungsbeispiele
2
5
G9SA-301 (24 VAC/VDC)
Schutztürüberwachung
- 2-Kanaleingang
- mit Querschlusserkenung
- automatischer Start
S2:
Positionsschalter
S1:
Positionsschalter mit
Zwangsöffnung
D4BN oder D4DN
KM1/KM2: Schütz J7K
M:
Drehstrommotor
EN 60947-5-1
EN 1088
KM1
KM2
Rückführkreis
KM1
KM2
A1 A2 T11
13
14
24
T12
K1
K2
T32
Steuer-
schaltung
a
b
a
T21
b
T22
T31
K2
K1
23
M
KM1
KM2
S1
11
12
S2
Geschlossen
(Offen)
23
24
PE
K1
K2
1
T23
3
4
33
34
42
41
6
6
5
4
3
2
1
G9SA-301 (24 VDC)
Schutztürüberwachung
mit Positionsschaltern
– 2 Kanaleingang
– mit Querschlusserkennung
– 3 Sicherheitskreise
– 1 Meldekreis
– manueller Start (Freigabe)
S12:
Positionsschalter
S2:
Positionsschalter
mit Zwangsöffnung
D4BN oder D4DN
S3:
Start
KM1/KM2:
Schütz J7K
M:
Drehstrommotor
EN 60947-5-1
EN 1088
M
KM1
KM2
23
24
S1
11
12
S2
Geschlossen
(Offen)
KM1
KM2
Start
S3
2
5
A1 A2 T11
13
23
14
24
K1
T12
T31
K1
K2
T32
a
b
a
K1
K2
b
K2
3
4
A
B
33
41
Steuer–
schaltung
PE
T22
T21
T23
6
34
42
1
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com