Electronic Components Datasheet Search
  English  ▼

X  

G9SA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G9SA
Description  Sicherheitsmodul
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G9SA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button G9SA Datasheet HTML 3Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 4Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 5Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 6Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 7Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 8Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 9Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 10Page - List of Unclassifed Manufacturers G9SA Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
G9SA
G9SA
7
21
22
S0
M
KM1
KM2
11
12
KM3
Eingang
SPS
Ausgang
KM1
KM2
Rückführkreis
KM1
KM2
(+)
G9SA-301 (24 VAC/VDC)
Not–AUS–Schaltung
- 2-Kanaleingang
- mit Querschlusserkennung
- mit Erdschlusserkennung
- Redundanzeingänge
- manueller Start (Freigabe)
- 3 Sicherheitskreise
(Kategorie 4) +1 Meldekreis
verfügbar
S0:
NOT-AUS-Taster
A22E
S1:
Start
A22
KM1/KM2: Schütz (J7K)
KM3:
Softstarter
G3J
M:
Drehstrommotor
EN 418
2
5
A1 A2 T11
13
14
24
T12
K1
K2
T32
Steuer-
schaltung
a
b
a
T21
b
T22
T31
K2
K1
23
PE
K1
K2
1
T23
3
4
33
34
42
6
S1
41
6
5
4
3
2
1
S11
KM1
KM2
Rückführkreis
KM1
KM2
G9SA-TH301 (24 VDC)
Zweihandsteuerung
- 2-Kanaleingang
- mit Querschlusserkennung
- automatischer Start (Freigabe)
- 3 Sicherheitskreise
S11:, S12 Zweihand-Drucktaster
KM1/KM2: Schütz J7K
EN 418
2
5
A1 A2
PE
1
6
T13
T12
T22
T23
T11
T21
T31 T32
C
D
Steuerschaltung
23
33
41
14
24
34
42
K2
K1
K1
K2
3
4
13
S12
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com