Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 852 Page - Renesas Technology Corp

Part # HD6432147SW
Description  HARDWARE MANUAL
PDF  1140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 852 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 848Page - Renesas Technology Corp HD6432147SW Datasheet HTML 849Page - Renesas Technology Corp HD6432147SW Datasheet HTML 850Page - Renesas Technology Corp HD6432147SW Datasheet HTML 851Page - Renesas Technology Corp HD6432147SW Datasheet HTML 852Page - Renesas Technology Corp HD6432147SW Datasheet HTML 853Page - Renesas Technology Corp HD6432147SW Datasheet HTML 854Page - Renesas Technology Corp HD6432147SW Datasheet HTML 855Page - Renesas Technology Corp HD6432147SW Datasheet HTML 856Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1140 page
background image
26.
 電気的特性
819
26.2.5
 D/A 変換特性
D/A
変換特性を
表 26.14 に示します。
表 26.14 D/A 変換特性
条件 A:V
CC=5.0V±10%、AVCC=5.0V±10%、AVref=4.5V∼AVCC、VSS=AVSS=0V、
φ=2MHz∼最大動作周波数、
T
a= -20∼+75℃(通常仕様品)、Ta= -40∼+85℃(広温度範囲仕様品)
条件 B:V
CC=4.0V∼5.5V、AVCC=4.0V∼5.5V、AVref=4.0V∼AVCC、VSS=AVSS=0V、
φ=2MHz∼最大動作周波数、
T
a= -20∼+75℃(通常仕様品)、Ta= -40∼+85℃(広温度範囲仕様品)
条件 C:V
CC=3.0V∼5.5V、AVCC=3.0V∼5.5V、AVref=3.0V∼AVCC、VSS=AVSS=0V、
φ=2MHz∼最大動作周波数、T
a= -20∼+75℃
条件 C
条件 B
条件 A
項 目
10MHz
16MHz
20MHz
単 位
min
typ
max
min
typ
max
min
typ
max
分解能
88
8
ビット
変換時間 負荷容量 20pF
――
10
――
10
――
10
μ s
絶対精度 負荷抵抗 2M Ω―
±2.0 ±3.0
―±1.0 ±1.5
―±1.0 ±1.5
LSB
負荷抵抗 4M Ω――
±2.0
――
±1.0
――
±1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com