Electronic Components Datasheet Search
  English  ▼

X  

MAX86140 Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 56Page - Maxim Integrated Products MAX86140 Datasheet HTML 57Page - Maxim Integrated Products MAX86140 Datasheet HTML 58Page - Maxim Integrated Products MAX86140 Datasheet HTML 59Page - Maxim Integrated Products MAX86140 Datasheet HTML 60Page - Maxim Integrated Products MAX86140 Datasheet HTML 61Page - Maxim Integrated Products MAX86140 Datasheet HTML 62Page - Maxim Integrated Products MAX86140 Datasheet HTML 63Page - Maxim Integrated Products MAX86140 Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
Interrupt Enable 1 (0x02)
A_FULL_EN
DATA_RDY_EN
ALC_OVF_EN
PROX_INT_EN
When PROX_INT_EN is enabled, the exposure programmed in the LEDC1 Sequence Register is used for proximity
detection. If the ADC reading for this exposure is below 2048 times the threshold programmed in PROX_INT_THRESH
register, the device is in proximity mode. Otherwise, it is in normal mode.
When the device is in proximity mode, the sample rate used is 8Hz, and the device starts data acquisition in pilot mode,
using only one exposure of the LED programmed in LEDC1 register, and the LED current programmed in PILOT_PA reg-
ister.
When the device is in normal mode, the sample rate used is as defined under PPG_SR register, and the device starts
data acquisition in normal mode, using all the exposures programmed in the LED Sequence registers and appropriate
LED currents.
PROX_INT interrupt is asserted when the devices enters proximity mode or normal mode if PROX_INT_EN is
programmed to 1.
LED_COMPB_EN
BIT
7
6
5
4
3
2
1
0
Field
A_FULL_EN
DATA_
RDY_EN
ALC_OVF_
EN
PROX_INT_
EN
LED_
COMPB_EN
DIE_TEMP_
RDY_EN
VDD_OOR_
EN
–
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
–
Access Type Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read
–
VALUE
ENUMERATION
DECODE
0
OFF
A_FULL interrupt is disabled
1
ON
A_FULL interrupt in enabled
VALUE
ENUMERATION
DECODE
0
OFF
DATA_RDY interrupt is disabled
1
ON
DATA_RDY interrupt is enabled.
VALUE
ENUMERATION
DECODE
0
OFF
ALC_OVF interrupt is disabled
1
ON
ALC_OVF interrupt in enabled
VALUE
ENUMERATION
DECODE
0
OFF
Proximity mode and PROX_INT interrupt are disabled
1
ON
Proximity mode and PROX_INT interrupt are enabled
VALUE
ENUMERATION
DECODE
0
DISABLE
LED_COMPB interrupt is disabled
1
ENABLE
LED_COMPB interrupt is enabled
www.maximintegrated.com
Maxim Integrated │ 60
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com