Electronic Components Datasheet Search
  English  ▼

X  

MAX86140 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 9Page - Maxim Integrated Products MAX86140 Datasheet HTML 10Page - Maxim Integrated Products MAX86140 Datasheet HTML 11Page - Maxim Integrated Products MAX86140 Datasheet HTML 12Page - Maxim Integrated Products MAX86140 Datasheet HTML 13Page - Maxim Integrated Products MAX86140 Datasheet HTML 14Page - Maxim Integrated Products MAX86140 Datasheet HTML 15Page - Maxim Integrated Products MAX86140 Datasheet HTML 16Page - Maxim Integrated Products MAX86140 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
Detailed Description
The MAX86140/MAX86141 are complete integrated optical
data acquisition systems, ideal for optical pulse oximetry
and heart rate detection applications. Both parts have
been designed for the demanding requirements of mobile
and wearable devices and require minimal external hardware
components are necessary for integration into a wear-
able device. They include high-resolution, optical readout
signal processing channels with robust ambient light
cancellation and high-current LED driver DACs to form a
complete optical readout signal chain.
The MAX86140/MAX86141 are fully adjustable through
software registers and the digital output data is stored
in a 128-word FIFO within the IC. The FIFO allows the
MAX86140/MAX86141 to be connected to a microcontroller
or processor on a shared bus, where the data is not being
read continuously from the MAX86140/MAX86141’s
registers. Both operate in fully autonomous modes for low
power battery applications.
The MAX86140 consists of a single optical readout channel,
while the MAX86141 incorporates dual optical readout
channels that operate simultaneously. Both parts have
three LED drivers and are well suited for a wide variety of
optical sensing applications.
The MAX86140/MAX86141 operate on a 1.8V main
supply voltage, with a separate 3.1V to 5.0V LED driver
power supply. Both devices have flexible timing and shut-
down configurations as well as control of individual blocks
so an optimized measurement can be made at minimum
power levels.
Optical Subsystem
The optical subsystem in the MAX86140/MAX86141 is
composed of ambient light cancellation (ALC), a continuous-
time sigma-delta ADC, and proprietary discrete time
filter. ALC incorporates a proprietary scheme to cancel
ambient light generated photo diode current, allowing
the sensor to work in high ambient light conditions. The
optical ADC has programmable full-scale ranges of 4μA to
32μA. The internal ADC is a continuous time oversampling
sigma delta converter with 19-bit resolution. The ADC
output data rate can be programmed from 8sps (samples
per second) to 8192sps. The MAX86140 includes a
proprietary discrete time filter to reject 50Hz/60Hz
interference and changing residual ambient light from the
sensor measurements.
The MAX86140/MAX86141 supports Dynamic Power
Down mode (Low-Power mode) in which the power
consumption is decreased between samples. This mode
is only supported for sample rates 128sps and below. For
more details on the power consumption at each sample
rates, refer to the Electrical Characteristics table.
LED Driver
The MAX86140/MAX86141 integrates three precision LED
driver-current DACs that modulate LED pulses for a
variety of optical measurements. The LED current DACs
have 8-bits of dynamic range with four programmable
full-scale ranges of 31mA, 62mA, 94mA, and 124mA. The
LED drivers are low dropout current sources, allowing for
low-noise, power-supply independent LED currents to be
sourced at the lowest supply voltage possible; therefore
minimizing LED power consumption. The LED pulse width
can be programmed from 14.8μs to 117.3μs to allow the
algorithms to optimize SpO2 and HR accuracy at the lowest
dynamic power consumption dictated by the application.
FIFO Configuration
The FIFO is 128 sample depth and is designed to support
various data types, as shown in Table 2. Each sample
width is 3 bytes, which includes a 5-bit tag width. The
tag embedded in the FIFO_DATA is used to identify the
source of each sample data. The description of each Tag
is as shown in Table 3.
LED Sequence Control (address 0x20 ~ 0x22)
The data format in the FIFO, as well as the sequencing of
exposures, are controlled by the LED Sequence Registers
through LEDC1 through LEDC6. There are six LED
Sequence Data Items available, as shown in Table 1. The
exposure sequence cycles through the LED Sequence
bit fields, starting from LEDC1 to LEDC6. The first LED
Sequence field set to NONE (0000) ends the sequence.
www.maximintegrated.com
Maxim Integrated │ 13
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com