Electronic Components Datasheet Search
  English  ▼

X  

MAX86140 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX86140 Datasheet HTML 1Page - Maxim Integrated Products MAX86140 Datasheet HTML 2Page - Maxim Integrated Products MAX86140 Datasheet HTML 3Page - Maxim Integrated Products MAX86140 Datasheet HTML 4Page - Maxim Integrated Products MAX86140 Datasheet HTML 5Page - Maxim Integrated Products MAX86140 Datasheet HTML 6Page - Maxim Integrated Products MAX86140 Datasheet HTML 7Page - Maxim Integrated Products MAX86140 Datasheet HTML 8Page - Maxim Integrated Products MAX86140 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
VDD_ANA to GND_ANA ......................................-0.3V to +2.2V
VDD_DIG to GND_ANA.......................................-0.3V to +2.2V
VDD_ANA to VDD_ANA.......................................-0.3V to +0.3V
PGND to GND_ANA.............................................-0.3V to +0.3V
SCLK, SDO, SDI, CSB, INT to GND_ANA ..........-0.3V to +6.0V
GND_DIG to GND_ANA.......................................-0.3V to +0.3V
VLED to PGND.....................................................-0.3V to +6.0V
LED_DRV1 to PGND ................................-0.3V to VLED + 0.3V
LED_DRV2 to PGND ................................ -0.3V to VLED + 0.3V
LED_DRV3 to PGND ................................-0.3V to VLED + 0.3V
PD1_IN to GND_ANA...........................................-0.3V to +2.2V
PD2_IN to GND_ANA .......................................... -0.3V to +2.2V
PD_GND to GND_ANA........................................-0.3V to +0.3V
All other pins to GND_ANA..................................-0.3V to +2.2V
Output Short-Circuit Duration....................................Continuous
Continuous Input Current Into Any Pin
(except LED_DRVx Pins) .............................................±20mA
Continuous Power Dissipation (WLP
(derate 5.5mW/°C above +70°C)) .............................. 440mW
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -40°C to +105°C
PACKAGE CODE
N201A2+1
Outline Number
21-100134
Land Pattern Number
Refer to
Application Note 1891
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
55.49°C/W
Junction to Case (θJC)
N/A
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
5 x 4 WLP
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
www.maximintegrated.com
Maxim Integrated │ 3
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com