Electronic Components Datasheet Search
  English  ▼

X  

MAX86140 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 35Page - Maxim Integrated Products MAX86140 Datasheet HTML 36Page - Maxim Integrated Products MAX86140 Datasheet HTML 37Page - Maxim Integrated Products MAX86140 Datasheet HTML 38Page - Maxim Integrated Products MAX86140 Datasheet HTML 39Page - Maxim Integrated Products MAX86140 Datasheet HTML 40Page - Maxim Integrated Products MAX86140 Datasheet HTML 41Page - Maxim Integrated Products MAX86140 Datasheet HTML 42Page - Maxim Integrated Products MAX86140 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
GPIO CTRL[3:0] 0110 and 1000: Master/Slave with and without External Mux
Table 13. GPIO Mode 0110 and 1000
GPIO
CTRL
GPIO1
FUNCTION
GPIO2
FUNCTION
COMMENT
0110
Input
Exposure
Trigger
Tristate or
Mux Control
GPIO1 is defined as an exposure trigger input (Slave). This input can come from an
external source or from another MAX86140/MAX86141 in master sample mode. Both
sample and exposure timing is controlled by the GPIO1 input. GPIO2 will be active if any
of the LEDCn[3:0] states A, B, or C are enabled in the exposure sequence. In this case,
GPIO2 will be low during exposures on LED4, LED5, or LED6, otherwise it will be high.
If LEDCn[3:0] state A, B, or C is not enabled in the exposure sequence, GPIO2 will be
tristate unless externally pulled up.
1000
Active
Output
Master
Exposure
Output
Input
32768/32000Hz
Clock Input
GPIO1 is defined as a master sample output. The GPIO1 output can be used to trigger
and second sensor. When used with a second MAX86140 /MAX86141 set to slave
exposure mode, the master exposure timing will drive slave exposure time. GPIO2 is an
input 32768/32000Hz. Sample and exposure timing is controlled by GPIO2 clock input.
Figure 25. Timing Diagram for GPIO CTRL[3:0] 0110 and 0111 With External Mux
LED1_DRV
MASTER & SLAVE
LED2_DRV
MASTER & SLAVE
tPW
tPW
LED3_DRV
MASTER & SLAVE
tPW
tPW
tPW
tPW
GPIO1
MASTER
tPW
GPIO2
MASTER & SLAVE
tSAMPLE
www.maximintegrated.com
Maxim Integrated │ 39
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com