Electronic Components Datasheet Search
  English  ▼

X  

MAX86140 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 49Page - Maxim Integrated Products MAX86140 Datasheet HTML 50Page - Maxim Integrated Products MAX86140 Datasheet HTML 51Page - Maxim Integrated Products MAX86140 Datasheet HTML 52Page - Maxim Integrated Products MAX86140 Datasheet HTML 53Page - Maxim Integrated Products MAX86140 Datasheet HTML 54Page - Maxim Integrated Products MAX86140 Datasheet HTML 55Page - Maxim Integrated Products MAX86140 Datasheet HTML 56Page - Maxim Integrated Products MAX86140 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
SPI Timing
Detailed SPI Timing
The detailed SPI timing is illustrated below. The timings
indicated are all specified in the Electrical Characteristics
table.
Single-Word SPI Register Read/Write Transaction
The MAX86140/MAX86141 is SPI/QSPI/Micro-wire/DSP
compatible. The operation of the SPI interface is shown
below. Data is strobed into the MAX86140/MAX86141 on
the SCLK rising edge while clocked out on the SCLK falling
edge. All single-word SPI read and write operations are
done in a 3-byte, 24 clock cycle SPI instruction framed by
a CSB low interval. The content of the SPI operation con-
sists of a one-byte register address (A[7:0]), followed by a
one-byte command word that defines the transaction as
write or read, followed by a single-byte data word either
written to, or read from, the register location provided in
the first byte.
Write mode operations will be executed on the 24th SCLK
rising edge using the first three bytes of data available. In
write mode, any data supplied after the 24th SCLK
rising edge will be ignored. Subsequent writes require
CSB to deassert high and then assert low for the next write
command. A rising CSB edge preceding the 24th rising
edge of SCLK by tCSA (detailed SPI timing diagram), will
result in the transaction being aborted.
Figure 36. Detailed SPI Timing Diagram
Figure 37. SPI Write Transaction
A7 A6 A5 A4 A3 A2 A1 A0
X
DIN2 DIN1 DIN0
R/W
1
2
3
4
5
6
7
8
9
22
23
24
1'
A7'
DO2 DO2 DO0
tDS
tDH
tCH
tCL
tCP
tCSS0
tCSH0
tDOE
tCSPW
tDOT
tCSH1
tCSF
tDOZ
tPLGPIOx
SDI
SCLK
CSB
SDO
GPIOx
Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A7
A6
A5
A4
A3
A2
A1
A0
W
D7
D6
D5
D4
D3
D2
D1
DON’T CARE
D0
DON’T CARE
Z
Command Executed
Ignored
Edges
Z
CSB
SDI
SCLK
SDO
www.maximintegrated.com
Maxim Integrated │ 53
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com