Electronic Components Datasheet Search
  English  ▼

X  

MAX86140 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 45Page - Maxim Integrated Products MAX86140 Datasheet HTML 46Page - Maxim Integrated Products MAX86140 Datasheet HTML 47Page - Maxim Integrated Products MAX86140 Datasheet HTML 48Page - Maxim Integrated Products MAX86140 Datasheet HTML 49Page - Maxim Integrated Products MAX86140 Datasheet HTML 50Page - Maxim Integrated Products MAX86140 Datasheet HTML 51Page - Maxim Integrated Products MAX86140 Datasheet HTML 52Page - Maxim Integrated Products MAX86140 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
The recommended settings for the picket fence algorithm
are the default power on reset values for all registers but
THRESHOLD_SIGMA_MULT bits. Here it is recommended
that the 32x value 0x3 be used so only large excursions
are classified as picket fence events. Lower values of
THRESHOLD_SIGMA_MULT can cause the algorithm to
go off track with extremely noisy waveform.
Photo Diode Biasing
The MAX86140/MAX86141 provides multiple photo diode
biasing options (see Table 15). These options allow the
MAX86140/MAX86141 to operate with a large range of
photo diode capacitance. The PDBIAS values adjust the
PD_IN bias point impedance to ensure that the photo
diode settles rapidly enough to support the sample timing.
As the PDBIAS values goes up, the input-referred noise
of the MAX86140/MAX86141 goes up. The relationship
between PDBIAS and noise with increasing photo diode
capacitance is illustrated in the "Input Referred Noise
vs. PD Capacitance" graph of the Typical Operating
Characteristics section. Because of the increased noise
with PDBIAS, the lowest recommended PDBIAS values
should be used for a given photo diode capacitance.
Layout Guidelines
The MAX86140/MAX86141 is a high dynamic range analog
front-end (AFE) and its performance can be adversely
impacted by the physical printed circuit board (PCB)
layout. Maxim recommends that all bypass recommendations
in the pin table be followed. Specifically, it is
recommended that the VDD_ANA and VDD_DIG pins be
shorted at the PCB. Maxim also recommends that GND_
ANA, GND_DIG, and PGND be shorted to a single PCB
ground plane. These three pins have been assigned along
a single column so they can be shorted and combined into
a single via on the edge of the WLP grid array.
The combined VDD_ANA and VDD_DIG pins should
then be decoupled with a 0.1µF or larger ceramic chip
capacitor to the PCB ground plane. In addition, the VREF
pin should be decoupled to the PCB GND plane with a
1.0μF ceramic capacitor. The voltage on the VREF pin
is nominally 1.21V, so a 6.3V rated ceramic capacitor
should be adequate for this purpose. It is recommended
that all decoupling caps use individual vias to the PCB
GND plane to avoid mutual impedance coupling between
decoupled supplies when sharing vias.
The most critical aspect of the PCB layout of MAX86140/
MAX86141 is the handling of the PD_IN and PD_
GND nodes. Parasitic capacitive coupling to the PD_IN
can result in additional noise being injected into the
MAX86140/MAX86141 front-end. To minimize external
interference coupling to PD_IN, it is recommended that
the PD_IN node be fully shielded by the PD_GND node.
An example of this recommendation is shown below.
In the three layers shown, the PD_IN node is shielded
with a coplanar PD_GND trace on the top layer, the
layer on which the MAX86140/MAX86141 is mounted.
On the bottom layer, the photo diode cathode is entirely
shielded with the PD_GND shield, which is also the photo
diode anode. Note, also, that the PD_GND shield also is
extended below the photo diode. This is done because,
in most photo diodes, the cathode is the bulk of the
silicon. Therefore, shielding beneath the photo diode will
terminate the capacitance to the bulk or cathode side to
the reference node (PD_GND). On the layer just above
the bottom (layer 5, in this case), the section of the GND
plane has been opened up, connected to PD_GND to
shield the PD_IN node below the photo diode cathode
contact. Finally, the PD_GND pin should only be attached
to the PCB GND in only one point. This is shown on the
top layer.
Table 15. Recommended PDBIAS Values Based on the Photo Diode Capacitance
PDBIAS<2:0>
PHOTO DIODE CAPACITANCE
0x001
0pF to 65pF
0x101
65pF to 130pF
0x110
130pF to 260pF
0x111
260pF to 520pF
All other values
Not recommended
www.maximintegrated.com
Maxim Integrated │ 49
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com