Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 3Page - NXP Semiconductors PCA9541 Datasheet HTML 4Page - NXP Semiconductors PCA9541 Datasheet HTML 5Page - NXP Semiconductors PCA9541 Datasheet HTML 6Page - NXP Semiconductors PCA9541 Datasheet HTML 7Page - NXP Semiconductors PCA9541 Datasheet HTML 8Page - NXP Semiconductors PCA9541 Datasheet HTML 9Page - NXP Semiconductors PCA9541 Datasheet HTML 10Page - NXP Semiconductors PCA9541 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
7
Register 0: Interrupt Enable (IE) Register (B1B0 = 00)
This register allows a master to read and/or write (if needed) Mask options for its own channel.
The Interrupt Enable Register described below is identical for both the masters. Nevertheless, there are physically 2 internal Interrupt Enable
Registers, one for each upstream channel.
When Master 0 reads/writes in this register, the internal Interrupt Enable Register 0 will be accessed.
When Master 1 reads/writes in this register, the internal Interrupt Enable Register 1 will be accessed.
BIT
7
6
5
4
3
2
1
0
SYMBOL
0
0
0
0
BUSLOSTMSK
BUSOKMSK
BUSINITMSK
INTINMSK
Table 2.
Register 0
BIT
SYMBOL
READ/
WRITE
DEFAULT
DESCRIPTION
0
INTINMSK
R/W
0
0: Interrupt on INT_IN will generate an interrupt on INT
0
INTINMSK
R/W
0
1: Interrupt on INT_IN will not generate an interrupt on INT (masked)
1
BUSINITMSK
R/W
0
0: After connection is requested and Bus Initialization requested (BUSINIT = 1), an
interrupt on INT will be generated when the bus initialization is done.
Note: Channel switching is done after bus initialization completed.
1
BUSINITMSK
R/W
0
1: After connection is requested and Bus Initialization requested (BUSINIT = 1), an
interrupt on INT will not be generated when the bus initialization is done (masked).
Note: Channel switching is done after bus initialization completed.
2
BUSOKMSK
R/W
0
0: After connection is requested and Bus Initialization not requested (BUSINIT = 0), an
interrupt on INT will be generated when a non-Idle situation has been detected on the
downstream slave channel by the bus sensor at the switching moment.
Note: Channel switching is done automatically after the STOP command.
2
BUSOKMSK
R/W
0
1: After connection is requested and Bus Initialization not requested (BUSINIT = 0), an
interrupt on INT will not be generated when a non-Idle situation has been detected on
the downstream slave channel by the bus sensor at the switching moment (masked).
Note: Channel switching is done automatically after the STOP command.
3
BUSLOSTMSK
R/W
0
0: An interrupt on INT will be generated after the other master has been been
disconnected
3
BUSLOSTMSK
R/W
0
1: An interrupt on INT will not be generated after the other master has been been
disconnected.
4
NOT USED
R only
0
5
NOT USED
R only
0
6
NOT USED
R only
0
7
NOT USED
R only
0
NOTE:
Default values are the same for PCA9541/01, PCA9541/02, and PCA9541/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com