Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 19Page - NXP Semiconductors PCA9541 Datasheet HTML 20Page - NXP Semiconductors PCA9541 Datasheet HTML 21Page - NXP Semiconductors PCA9541 Datasheet HTML 22Page - NXP Semiconductors PCA9541 Datasheet HTML 23Page - NXP Semiconductors PCA9541 Datasheet HTML 24Page - NXP Semiconductors PCA9541 Datasheet HTML 25Page - NXP Semiconductors PCA9541 Datasheet HTML 26Page - NXP Semiconductors PCA9541 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C demultiplexer with interrupt logic and reset
2004 Oct 01
22
AC CHARACTERISTICS
SYMBOL
PARAMETER
STANDARD-MODE
I2C-bus
FAST-MODE
I2C-bus
UNIT
MIN
MAX
MIN
MAX
tpd
Propagation delay from SDA to SDn or SCL to SCn
—
0.31
—
0.31
ns
fSCL
SCL clock frequency
0
100
0
400
kHz
fSCLIR
SCL bus initialization/recovery clock frequency
50
150
50
150
kHz
tBUF
Bus free time between a STOP and START condition
4.7
—
1.3
—
µs
tHD;STA
Hold time (repeated) START condition
After this period, the first clock pulse is generated
4.0
—
0.6
—
µs
tLOW
LOW period of the SCL clock
4.7
—
1.3
—
µs
tHIGH
HIGH period of the SCL clock
4.0
—
0.6
—
µs
tSU;STA
Set-up time for a repeated START condition
4.7
—
0.6
—
µs
tSU;STO
Set-up time for STOP condition
4.0
—
0.6
—
µs
tHD;DAT
Data hold time
02
3.45
02
0.9
µs
tSU;DAT
Data set-up time
250
—
100
—
ns
tR
Rise time of both SDA and SCL signals
—
1000
20 + 0.1Cb3
300
ns
tF
Fall time of both SDA and SCL signals
—
300
20 + 0.1Cb3
300
µs
Cb
Capacitive load for each bus line
—
400
—
400
µs
tSP
Pulse width of spikes which must be suppressed
by the input filter
—
50
—
50
ns
tVD:DATL
Data valid (HL)4
—
1
—
1
µs
tVD:DATH
Data valid (LH)4
—
0.6
—
0.6
µs
tVD:ACK
Data valid Acknowledge
—
1
—
1
µs
INT0 and INT1 outputs
tiv
INT_in to INT1 or INT2 active valid time
—
4
—
4
µs
tir
INT_in to IINT1 or INT2 inactive delay time
—
2
—
2
µs
Lpwr
LOW level pulse width rejection or INT_in input
1
—
1
—
ns
Hpwr
HIGH level pulse width rejection or INT_in input
0.5
—
0.5
—
µs
RESET
tW
Pulse width LOW reset
4
—
4
—
ns
trst
Reset time (SDA clear)
500
—
500
—
ns
tREC:STA
Recovery to Start5, 6
0
—
0
—
ns
NOTES:
1. Pass gate propagation delay is calculated from the 20
Ω typical RON and the 15 pF load capacitance.
2. A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) in order to bridge
the undefined region of the falling edge of SCL.
3. Cb = total capacitance of one bus line in pF.
4. Measurements taken with 1 k
Ω pull-up resistor and 50 pF load.
5. Resetting the device while actively communicating on the bus may cause glitches or errant STOP conditions.
6. Upon reset, the full delay will be the sum of tRESET and the RC time constant of the SDA bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com