Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 7Page - NXP Semiconductors PCA9541 Datasheet HTML 8Page - NXP Semiconductors PCA9541 Datasheet HTML 9Page - NXP Semiconductors PCA9541 Datasheet HTML 10Page - NXP Semiconductors PCA9541 Datasheet HTML 11Page - NXP Semiconductors PCA9541 Datasheet HTML 12Page - NXP Semiconductors PCA9541 Datasheet HTML 13Page - NXP Semiconductors PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
11
INTERRUPT STATUS REGISTERS DESCRIPTION
The PCA9541 provides 4 different types of interrupt:
1. To indicate to the former I2C-bus master that it is not in control of
the bus anymore.
2. To indicate to the new I2C-bus master that:
– The bus recovery/initialization has been performed and that
the downstream channel connection has been done (built-in
bus recovery/initialization active).
– A “bus not well initialized” condition has been detected by the
PCA9541 when the switch has been done (built-in bus
recovery/initialization not active). This information can be
used by the new master to initiate its own bus
recovery/initialization sequence.
3. Indicate to both I2C upstream masters that a downstream
interrupt has been generated through the INT_IN pin.
4. Functionality wiring test.
Bus control lost interrupt
When an upstream master takes control of the I2C-bus while the
other channel was using the downstream channel, an interrupt is
generated to the master losing control of the bus (INT line goes
LOW to let the master know that it lost the control of the bus)
immediately after disconnection from the downstream channel.
By setting the BUSLOSTMSK bit to 1, the interrupt is masked and
the upstream master that lost the I2C-bus control does not receive
an interrupt (INT line does not go LOW).
Recovery/initialization interrupt
Before switching to a new upstream channel, an automatic bus
recovery/initialization can be performed by the PCA9541. This
function is requested by setting the BUSINIT bit to 1. When the
downstream bus has been initialized, an interrupt to the new master
is generated (INT line goes LOW).
By setting the BUSINITMSK bit to 1, the interrupt is masked and the
new master does not receive an interrupt (INT line does not go
LOW).
When the automatic bus recovery/initialization is not requested, if
the built-in bus sensor function (sensing permanently the
downstream I2C traffic) detects a non-idle condition (previous bus
channel connected to the downstream slave channel, was between
a START and STOP condition), then an interrupt to the new master
is sent (INT line goes LOW). This interrupt tells the new master that
an external bus recovery/initialization must be performed. By setting
the BUSOKMSK bit to 1, the interrupt is masked and the new
master does not receive an interrupt (INT line does not go LOW).
NOTE: In this particular situation, after the switch to the new master
is performed, a read of the Interrupt Status Register is not
possible if the switch happened in the middle of a read
sequence because the new master does not have control of the
SDA line
Downstream interrupt
An interrupt can also be generated by a downstream device by
asserting the INT_IN pin LOW. When INT_IN is asserted LOW and if
both INTINMSK bits are not set to 1 by either master, INT0 and INT1
both go LOW.
By setting the INTINMSK bit to 1 by a master and/or the INTINMSK
bit to 1 by the other master, the interrupt(s) is (are) masked and the
corresponding masked channel(s) does (do) not receive an interrupt
(INT0 and/or INT1 line does (do) not go LOW).
Functional test interrupt
A master can send an interrupt to itself to test its own INT wire or
send an interrupt to the other master to test its INT line. This is done
by:
– Setting the TESTON bit to 1 to test its own INT line.
– Setting the NTESTON bit to 1 to test the other master INT
line.
Setting the TESTON and/or NTESTON bits to 0 by a master will
clear the interrupt(s).
NOTE: Interrupt outputs have an open-drain structure. Interrupt
input does not have any internal pull-up resistor and must not be left
floating (e.g., pulled high to VCC through resistor) in order to avoid
any undesired interrupt conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com