Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 16Page - NXP Semiconductors PCA9541 Datasheet HTML 17Page - NXP Semiconductors PCA9541 Datasheet HTML 18Page - NXP Semiconductors PCA9541 Datasheet HTML 19Page - NXP Semiconductors PCA9541 Datasheet HTML 20Page - NXP Semiconductors PCA9541 Datasheet HTML 21Page - NXP Semiconductors PCA9541 Datasheet HTML 22Page - NXP Semiconductors PCA9541 Datasheet HTML 23Page - NXP Semiconductors PCA9541 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C demultiplexer with interrupt logic and reset
2004 Oct 01
19
I2C commands are sent via the primary or back-up master and
either master can take command of the I2C-bus. Either master at
any time can gain control of the slave devices if the other master is
disabled or removed from the system. The failed master is isolated
from the system and will not affect communication between the
on-line master and the slave devices located on the cards.
For even higher reliability in multi-point backplane applications,
two dedicated masters can be used for every card as shown in
Figure 18.
SR02463
SCL0
SDA0
SCL1
SDA1
SCL0
SDA0
SCL1
SDA1
SCL0
SDA0
SCL1
SDA1
SCL0
SDA0
SCL1
SDA1
Figure 18. Very High Reliability Backplane Application
MASTERS WITH SHARED RESOURCES
Some masters may not be multi-master capable or some masters
may not work well together and continually lock up the bus. The
PCA9541 can be used to separate the masters, as shown in
Figure 19, but still allow shared access to slave devices, such as
Field Replaceable Unit (FRU) EEPROMs or temperature sensors.
PCA9541
SLAVE A0
SLAVE A1
SLAVE A2
MASTER A
PCA9541
SLAVE B0
SLAVE B1
SLAVE B2
MASTER B
MAIN
MASTER
SW02101
ASSEMBLY A
ASSEMBLY B
SDA/SCL
SDA/SCL
Figure 19. Masters with Shared Resources Application
GATEKEEPER MULTIPLEXER
The PCA9541/03 can act as a gatekeeper multiplexer in applications
where there are multiple I2C devices with the same fixed address
(e.g., EEPROMs with address of “Z” as shown in Figure 20)
connected in a multi-point arrangement to the same I2C-bus. Up to
16 hot swappable cards/devices can be multiplexed to the same bus
master by using one PCA9541/03 per card/device. Since each
PCA9541/03 has its own unique address (e.g., “A”, “B”, “C”, etc), the
EEPROMs can be connected to the master, one at a time, by
connecting one PCA9541/03 (Master 0 position) while keeping the
rest of the cards/devices isolated (off position).
The alternative, shown with dashed lines, is to use a PCA9548
1-to-8 channel switch on the master card and run 8 I2C-buses, one
to each EEPROM card, to multiplex the master to each card. The
number of card pins used is the same in either case, but there are 7
less pairs of SDA/SCL traces on the PC board if the PCA9541/03 is
used.
SW02099
A
Z
B
Z
C
Z
D
Z
E
Z
F
Z
G
Z
H
Z
Figure 20. Gatekeeper Multiplexer Application
BUS INITIALIZATION/RECOVERY
If the I2C-bus is hung, I2C devices without a hardware reset pin
(e.g., Slave 1 and 2 in Figure 21) can be isolated from the master by
the PCA9541/03. The PCA9541/03 disconnects the bus when it is
reset via the hardware reset line, restoring the master’s control of
the rest of the bus (e.g., Slave 0). The bus master can then
command the PCA9541/03 to send 9 clock pulses/ stop condition to
reset the downstream I2C devices before they are reconnected to
the master or leave the downstream devices isolated.
MASTER
SW02100
SLAVE 0
SLAVE 1
SLAVE 2
SDA/SCL
SDA
SCL
RESET
SLAVE
I2C-bus
Figure 21. Bus Initialization/Recovery Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com