Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 12Page - NXP Semiconductors PCA9541 Datasheet HTML 13Page - NXP Semiconductors PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors PCA9541 Datasheet HTML 16Page - NXP Semiconductors PCA9541 Datasheet HTML 17Page - NXP Semiconductors PCA9541 Datasheet HTML 18Page - NXP Semiconductors PCA9541 Datasheet HTML 19Page - NXP Semiconductors PCA9541 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
0A
A
A1
A0
SLAVE ADDRESS
start condition
R/W
0
SW02306
0
00
00
0
A
1
P
A
COMMAND CODE REGISTER
DATA MASK REGISTER
DATA CONTROL REGISTER
Stop condition
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
Auto
increment
acknowledge
from slave
S
1
1
1
A3
A2
Figure 12. Write to the Mask and Control Registers using the Auto-Increment (AI) bit
NOTE: If a 3rd data byte is sent, it will not be acknowledged by the PCA9541.
Sr
0
S0
A
A
11
1
A3 A2
A1
A0
SLAVE ADDRESS
start condition
R/W
acknowledge
from slave
acknowledge
from slave
X
COMMAND CODE
ACCESS TO REGISTER
XX = 00, 01, OR 10
1
SW02307
X
00
00
A
A
P
stop
condition
acknowledge
from slave
no acknowledge-
from master
1
1
1A3 A2
A1
A0
1
1
1A3 A2 A1
A0
1
R/W
SLAVE ADDRESS
A
A
re-start
condition
Auto
Increment
acknowledge
from master
acknowledge
from master
XX = 00 : INTERRUPT ENABLE REGISTER
CONTROL REGISTER
INT REGISTER
XX = 01 : CONTROL REGISTER
INT REGISTER
INTERRUPT ENABLE REGISTER
XX = 10 : INT REGISTER
INTERRUPT ENABLE REGISTER
CONTROL REGISTER
Figure 13. Read the 3 registers using the Auto-Increment (AI) bit
NOTE: If a 4th data byte is read, the first Register will be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com