Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 8Page - NXP Semiconductors PCA9541 Datasheet HTML 9Page - NXP Semiconductors PCA9541 Datasheet HTML 10Page - NXP Semiconductors PCA9541 Datasheet HTML 11Page - NXP Semiconductors PCA9541 Datasheet HTML 12Page - NXP Semiconductors PCA9541 Datasheet HTML 13Page - NXP Semiconductors PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors PCA9541 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
12
Register 2: Interrupt Status Register (B1B0 = 10)
The Interrupt Status Register for both the masters is identical and is described below. Nevertheless, there are physically 2 internal Interrupt
Registers, one for each upstream channel.
When Master 0 reads this register, the internal Interrupt Register 0 will be accessed.
When Master 1 reads this register, the internal Interrupt Register 1 will be accessed.
BIT
7
6
5
4
3
2
1
0
SYMBOL
NMYTEST
MYTEST
0
0
BUSLOST
BUSOK
BUSINIT
INTIN
Table 8.
Register 2
BIT
SYMBOL
READ/
WRITE
DEFAULT
DESCRIPTION
0
INTIN
R only
0
0: No interrupt on interrupt input (INT_IN)
0
INTIN
R only
0
1: Interrupt on interrupt input (INT_IN)
0: No interrupt generated by the bus recovery/initialization function
1
BUSINIT
R only
0
1: Interrupt generated by the bus recovery/initialization function –
recovery/initialization done
0: No interrupt generated by bus sensor function
2
BUSOK
R only
0
1: Interrupt generated by bus sensor function (masked when bus
recovery/initialization requested) – Bus was not idle when the switch
occurred
3
BUSLOST
R only
0
0: No interrupt generated to the previous master when switching to the new
one is initiated
3
BUSLOST
R only
0
1: Interrupt generated to the previous master when switching to the new
one is initiated
4
NOT USED
R only
0
5
NOT USED
R only
0
6
MYTEST
R only
0
0: No interrupt generated by TESTON bit f (TESTON = 0)
6
MYTEST
R only
0
1: Interrupt generated by TESTON bit (TESTON = 1)
7
NMYTEST
R only
0
0: No interrupt generated due to NTESTON bit from the other master
(NTESTON = 0 from the other master)
7
NMYTEST
R only
0
1: Interrupt generated due to TESTON bit from the other master
(NTESTON = 1 from the other master)
NOTES:
1. Interrupt on a master is cleared after TESTON bit is cleared the same master or NTESTON bit is cleared by the other master.
2. If the interrupt condition remains on INT_IN after the Read sequence, another interrupt will be generated (if the interrupt has not been
masked)
3. Default values are the same for PCA9541/01, PCA9541/02 and PCA9541/03
4. Reading the Interrupt Status Register does not clear the MYTEST, NMYTEST or the INTIN bits. They are cleared if:
– INT_IN lines goes HIGH for INTIN bit
– TESTON bit is cleared for MYTEST bit
– NTESTON bit is cleared for NMYTEST bit
5. BUSINIT, BUSOK and BUSLOST bits in the Interrupt Status Register gets cleared after a Read of the same register is done. Precisely, the
register gets cleared on the second clock pulse during the read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com