Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ZL2008
Description  Digital DC/DC Controller with Drivers and Pin-Strap Current Sharing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2008 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ZL2008 Datasheet HTML 32Page - Renesas Technology Corp ZL2008 Datasheet HTML 33Page - Renesas Technology Corp ZL2008 Datasheet HTML 34Page - Renesas Technology Corp ZL2008 Datasheet HTML 35Page - Renesas Technology Corp ZL2008 Datasheet HTML 36Page - Renesas Technology Corp ZL2008 Datasheet HTML 37Page - Renesas Technology Corp ZL2008 Datasheet HTML 38Page - Renesas Technology Corp ZL2008 Datasheet HTML 39Page - Renesas Technology Corp ZL2008 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
ZL2008
FN6859 Rev 4.00
Page 36 of 43
April 29, 2011
dropped or faults then the device with the next lowest position
number will become the new reference device.
SMBus Address (SA0, SA1 Pins)
Assign sequential SMBus addresses to each device in the current
sharing group. If other non-current sharing devices are connected
to the same SMBus then assign addresses to these devices that
are before or after the current sharing group.
Current Share Pin-Straps (CFG0, CFG2 Pins)
Resistor pin-strap the CFG0 pin to set the following parameters:
a. Current Share # of Members – Number of devices or phases
in a current sharing group (2 minimum and 8 maximum).
b. Current Share Control – Current sharing is automatically
enabled when the number of members is 2 (and disabled
when members is = 0).
Resistor pin-strap the CFG2 pin to set the current share position:
c. Current Share Position – Sequential numbering from 0 to 7
(max) of N number of members starting with the reference
device in position 0 and ending with the last member device
in position N-1.
For the 3-phase group the parameters for each device are shown
in Table 32.
SYNC Clock (CFG1 Pin)
Typically the reference device sources the SYNC clock. However,
any device internal or external to the current sharing group can
source the SYNC clock. If the reference device is sourcing the
SYNC clock, then resistor pin-strap the CFG1 pin to configure the
SYNC pin as an output. Otherwise configure the reference
device’s SYNC pin as an input. For member devices, resistor
pin-strap the CFG1 pin to configure the SYNC pin as an input.
Soft-start (SS Pin)
Current sharing groups require proper synchronization prior to
ramp events. Resistor pin-strap the SS pin to set the following
parameters:
a. Delay Time – The reference device’s soft-start delay time
must be at least 10ms greater than any member device to
ramp up/down current sharing. The reference device requires
this additional time to coordinate a synchronization signal to
all member devices.
b. Ramp Time – A minimum soft-start ramp time of 5ms is
required for both reference and member devices to ramp
up/down current sharing.
Phase Enable (PH_EN Pin)
Phase enable is used to dynamically add or drop a current
sharing phase during operation. Set the PH_EN pin high to
enable a phase and low to disable a phase (open is an invalid
state). The PH_EN pin replaces the PHASE_CONTROL command.
For proper operation, the pin must be externally driven high or
low without switching glitches. Also, ensure phase enable is high
for the reference and member devices of a current sharing group
prior to ramp-up.
MFR_CONFIG Command
Application specific values are set by the MFR_CONFIG
command. The following parameters must be set to properly
configure current sharing.
a. Current Sense Blanking Delay (bits 15:11) – The current
sense delay parameter controls the blanking time when no
current measurement is taken. This allows the filtering of
noise from the current measurement circuit when the FETs
are switching. The actual value selected depends on fSW,
sensing method and ring-out duration. The same delay is
used for both reference and member devices.
b. Current Sense Control (bits 5:4) – Three modes of current
sensing are available depending on duty cycle and switching
frequency as listed in Table 33 (also refer to “Current Limit
Threshold Selection” on page 21). The same sensing is used
for both reference and member devices.
TABLE 32. Current Share Parameters
Device
SMBus Address
# of Members
Position
Control
Reference
0x20
3
0
Enabled
Member_1
0x21
3
1
Enabled
Member_2
0x22
3
2
Enabled
Rail_1
Rail DDC ID = 5
DEV_2
0x21
Rout Cout
SCL
DDC
PH_3
PH_2
PH_1
3.3V
VCC
DEV_3
0x22
SYNC_Out
VCC
VCC
SDA
MEM_1
POS_2
REF.
POS_1
MEM_2
POS_3
DEV_1
0x20
SYNC_In
SYNC
SYNC_In
POS_0
POS_1
POS_2
Rail_1
Rail DDC ID = 5
DEV_2
0x21
Rout Cout
SCL
DDC
PH_3
PH_2
PH_1
3.3V
VCC
DEV_3
0x22
SYNC_Out
VCC
VCC
SDA
MEM_1
POS_2
REF.
POS_1
MEM_2
POS_3
DEV_1
0x20
SYNC_In
SYNC
SYNC_In
POS_0
POS_1
POS_2
FIGURE 24. 3-phase Current Sharing Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com