Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZL2008
Description  Digital DC/DC Controller with Drivers and Pin-Strap Current Sharing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2008 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZL2008 Datasheet HTML 35Page - Renesas Technology Corp ZL2008 Datasheet HTML 36Page - Renesas Technology Corp ZL2008 Datasheet HTML 37Page - Renesas Technology Corp ZL2008 Datasheet HTML 38Page - Renesas Technology Corp ZL2008 Datasheet HTML 39Page - Renesas Technology Corp ZL2008 Datasheet HTML 40Page - Renesas Technology Corp ZL2008 Datasheet HTML 41Page - Renesas Technology Corp ZL2008 Datasheet HTML 42Page - Renesas Technology Corp ZL2008 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
ZL2008
FN6859 Rev 4.00
Page 39 of 43
April 29, 2011
Revision History
Rev. #
Description
Date
1.0
Initial release
January 2009
FN6859.0 Assigned file number FN6859 to datasheet as this will be the first release with an Intersil file number. Replaced header
and footer with Intersil header and footer. Updated disclaimer information to read “Intersil and it’s subsidiaries including
Zilker Labs, Inc.” No changes to datasheet content
February 2009
FN6859.1 Updated to new format. Updates include:
a) Putting Abs Max, Recommended Operating Conditions and Electrical Specs tables into
Intersil format
- Adding Pb-free reflow link to Thermal info
- Adding Intersil's caution statement, per legal
b) Put Ordering Info table into Intersil format
- Adding Moisture Sensitivity Level note, TB347 tape and reel spec note and Pb-free note
(corresponding to
lead finish).
c) Updated sales disclaimer on last page to Intersil's verbiage
d) Replaced Zilker POD with Intersil equivalent POD (L36.6x6A)
e) Updated graphics to Intersil standards (font change)
f) Updated cross references to tables (since table #s were removed from Electrical Specs, Abs
Max, Recommended
Operating Conditions and Pin Descriptions tables)
g) Updated cross references to figures (since figure #s was removed from Pinout)
h) Added equation #s to all equations
i) Added Intersil standard over temp notes to Electrical Specs table as follows:
- Added Note 14: "Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless
otherwise specified.
Temperature limits established by characterization and are not
production
tested." to MIN MAX columns of Electrical
Specs table.
-Added "Boldface limits apply over the operating temperature range, -40°C to +85°C" to
common conditions of
Electrical Specs table. Bolded all MIN and MAX specs in table.
“Absolute Maximum Ratings” on page 4:
Removed “MOSFET Drive Reference for VR Pin……120mA”. Removed “2.5V Logic Reference for V25 Pin ……120mA”
“Electrical Specifications” table, page 4 to page 6:
Changed Max for IDDS Shutdown Current from 8mA to 9mA.
Changed conditions for “Vr Reference Output Voltage” from <50mA to <20mA
Changed conditions for “V25 Reference Output Voltage” from <50mA to <20mA
Added the following sentence to Note 8: “Current Share member minimum delay is 5ms. Current share reference must
be 10ms greater than member delay”
Added Note 15: “Limits established by characterization and are not production tested.” Added Note 15 callout to the
following parameters:
Soft start delay duration range for test condt using I2C
Minimum Sync Pulse Width
High-side Driver Peak Gate Drive Current (Pull-down)
High-side Driver Pull-up Resistance
High-side Driver Pull-down Resistance
Low-side Driver Pull-up Resistance
Low-side Driver Pull-down Resistance
Switching timing (for both conditions)
VTRK Tracking Ramp Accuracy
UVLO Delay
UVLO Hysteresis for I2C/SMBus conditions
Power Good Delay for I2C/SMBus conditions
VSEN Undervoltage Threshold for I2C/SMBus conditions
VSEN Overvoltage Threshold for I2C/SMBus conditions
VSEN Undervoltage/Overvoltage Fault Response Time for I2C/SMBus conditions
Current Limit Protection Delay for I2C/SMBus conditions
Temperature Compensation of Current Limit Protection Threshold for I2C/SMBus conditions
Thermal Protection Threshold (Junction Temperature) for I2C/SMBus conditions
October 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com