Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZL2008
Description  Digital DC/DC Controller with Drivers and Pin-Strap Current Sharing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2008 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZL2008 Datasheet HTML 7Page - Renesas Technology Corp ZL2008 Datasheet HTML 8Page - Renesas Technology Corp ZL2008 Datasheet HTML 9Page - Renesas Technology Corp ZL2008 Datasheet HTML 10Page - Renesas Technology Corp ZL2008 Datasheet HTML 11Page - Renesas Technology Corp ZL2008 Datasheet HTML 12Page - Renesas Technology Corp ZL2008 Datasheet HTML 13Page - Renesas Technology Corp ZL2008 Datasheet HTML 14Page - Renesas Technology Corp ZL2008 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
ZL2008
FN6859 Rev 4.00
Page 11 of 43
April 29, 2011
Power Conversion Overview
The ZL2008 operates as a voltage-mode, synchronous buck
converter with a selectable constant frequency pulse width
modulator (PWM) control scheme that uses external MOSFETs,
capacitors, and an inductor to perform power conversion.
Figure 5 illustrates the basic synchronous buck converter
topology showing the primary power train components. This
converter is also called a step-down converter, as the output
voltage must always be lower than the input voltage. In its most
simple configuration, the ZL2008 requires two external N-
channel power MOSFETs, one for the top control MOSFET (QH)
and one for the bottom synchronous MOSFET (QL). The amount
of time that QH is on as a fraction of the total switching period is
known as the duty cycle D, which is described by Equation 1:
During time D, QH is on and VIN – VOUT is applied across the
inductor. The current ramps up as shown in Figure 6.
When QH turns off (time 1-D), the current flowing in the inductor
must continue to flow from the ground up through QL, during
which the current ramps down. Since the output capacitor COUT
exhibits a low impedance at the switching frequency, the AC
component of the inductor current is filtered from the output
voltage so the load sees nearly a DC voltage.
Typically, buck converters specify a maximum duty cycle that
effectively limits the maximum output voltage that can be
realized for a given input voltage. This duty cycle limit ensures
that the lowside MOSFET is allowed to turn on for a minimum
amount of time during each switching cycle, which enables the
bootstrap capacitor (CB in Figure 5) to be charged up and provide
adequate gate drive voltage for the high-side MOSFET. See
section“High-side Driver Boost Circuit” on page 12 for more
details.
In general, the size of components L1 and COUT as well as the
overall efficiency of the circuit are inversely proportional to the
switching frequency, fSW. Therefore, the highest efficiency circuit
may be realized by switching the MOSFETs at the lowest possible
frequency; however, this will result in the largest component size.
Conversely, the smallest possible footprint may be realized by
switching at the fastest possible frequency but this gives a
somewhat lower efficiency. Each user should determine the
optimal combination of size and efficiency when determining the
switching frequency for each application.
The block diagram for the ZL2008 is illustrated in Figure 4. In
this circuit, the target output voltage is regulated by connecting
the differential VSEN pins directly to the output regulation point.
The VSEN signal is then compared to a reference voltage that has
been set to the desired output voltage level by the user. The error
signal derived from this comparison is converted to a digital
value with a low-resolution, analog to digital (A/D) converter. The
digital signal is applied to an adjustable digital compensation
filter, and the compensated signal is used to derive the
appropriate PWM duty cycle for driving the external MOSFETs in a
way that produces the desired output.
The ZL2008 has several features to improve the power
conversion efficiency. A non-linear response (NLR) loop improves
the response time and reduces the output deviation as a result of
a load transient. The ZL2008 monitors the power converter’s
operating conditions and continuously adjusts the turn-on and
turn-off timing of the high-side and low-side MOSFETs to optimize
the overall efficiency of the power supply. Adaptive performance
optimization algorithms such as dead-time control, diode
emulation, and frequency control are available to provide greater
efficiency improvement.
Power Management Overview
The ZL2008 incorporates a wide range of configurable power
management features that are simple to implement with no
external components. Additionally, the ZL2008 includes circuit
protection features that continuously safeguard the device and
load from damage due to unexpected system faults. The ZL2008
can continuously monitor input voltage, output voltage/current,
internal temperature, and the temperature of an external
thermal diode. A Power Good output signal is also included to
enable power-on reset functionality for an external processor.
All power management functions can be configured using either
pin configuration techniques (see Figure 7) or via the I2C/SMBus
interface. Monitoring parameters can also be pre-configured to
provide alerts for specific conditions. See Application Note
AN2033 for more details on SMBus monitoring.
VIN
VOUT
GH
GL
ZL
SW
VR
BST
QH
QL
CB
DB
COUT
CIN
FIGURE 5. Synchronous Buck Converter
IN
OUT
V
V
D
(EQ. 1)
Time
VIN -VOUT
0
-VOUT
1 - D
IO
ILPK
ILV
D
FIGURE 6. Inductor Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com