Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZL2008
Description  Digital DC/DC Controller with Drivers and Pin-Strap Current Sharing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2008 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZL2008 Datasheet HTML 11Page - Renesas Technology Corp ZL2008 Datasheet HTML 12Page - Renesas Technology Corp ZL2008 Datasheet HTML 13Page - Renesas Technology Corp ZL2008 Datasheet HTML 14Page - Renesas Technology Corp ZL2008 Datasheet HTML 15Page - Renesas Technology Corp ZL2008 Datasheet HTML 16Page - Renesas Technology Corp ZL2008 Datasheet HTML 17Page - Renesas Technology Corp ZL2008 Datasheet HTML 18Page - Renesas Technology Corp ZL2008 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
ZL2008
FN6859 Rev 4.00
Page 15 of 43
April 29, 2011
DOSA VOLTAGE TRIM MODE
On a DOSA module, the VOUT setting follows Equation 3:
To maintain DOSA compatibility, the same scheme is used as with a
POLA module except the 10k
 resistor is replaced with a 8.66k
resistor as shown in Figure 12.
The DOSA mode VOUT settings are listed in Table 5.
Start-up Procedure
The ZL2008 follows a specific internal start-up procedure after
power is applied to the VDD pin. Table 6 describes the start-up
sequence.
If the device is to be synchronized to an external clock source, the
clock frequency must be stable prior to asserting the EN pin. The
device requires approximately 5ms to 10ms to check for specific
values stored in its internal memory. If the user has stored values
in memory, those values will be loaded. The device will then
check the status of all multi-mode pins and load the values
associated with the pin settings.
Once this process is completed, the device is ready to accept
commands via the I2C/SMBus interface and the device is ready
to be enabled. Once enabled, the device requires approximately
2ms before its output voltage may be allowed to start its ramp-
up process. If a soft-start delay period less than 2ms has been
configured (using PMBus commands), the device will default to a
2ms delay period. If a delay period greater than 2ms is
configured, the device will wait for the configured delay period
prior to starting to ramp its output.
After the delay period has expired, the output will begin to ramp
towards its target voltage according to the pre-configured
soft-start ramp time that has been set using the SS pin. It should
be noted that if the EN pin is tied to VDD, the device will still
require approx 5ms to 10ms before the output can begin its
ramp-up as described in Table 6.
Soft-start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal is
received until the output voltage starts to ramp to its target
value. In addition, the designer may wish to precisely set the time
required for VOUT to ramp to its target value after the delay period
has expired. These features may be used as part of an overall
inrush current management strategy or to precisely control how
fast a load IC is turned on. The ZL2008 gives the system designer
several options for precisely and independently controlling both
the delay and ramp time periods.
The soft-start delay period begins when the EN pin is asserted
and ends when the delay time expires. The soft-start delay period
is set using the SS pin. Precise ramp delay timing reduces the
delay time variations but is only available when the appropriate
bit in the MISC_CONFIG register has been set. Please refer to
Application Note AN2033 for details.
The soft-start ramp timer enables a precisely controlled ramp to
the nominal VOUT value that begins once the delay period has
expired. The ramp-up is guaranteed monotonic and its slope may
be precisely set using the SS pin.
The soft-start delay and ramp times can be set to standard
values according to Table 7.
TABLE 5. DOSA Mode VOUT Settings
VOUT
(V)
RSET (k)
In series with 8.660k
 resistor
0.700
162
0.752
113
0.758
100
0.765
90.9
0.772
82.5
0.790
75.0
0.800
57.6
0.821
52.3
0.834
47.5
0.848
43.2
0.880
36.5
0.899
33.2
0.919
30.1
0.965
25.5
0.991
22.6
1.000
21.0
1.100
17.8
1.158
14.7
1.200
13.3
1.250
10.5
1.500
8.87
1.669
6.98
1.800
6.04
2.295
4.32
2.506
3.74
3.300
2.61
5.000
1.50
NOTE: (R0 = 110k
, R1 = RSET + 8.66k)
V
V
R
OUT
SET
69
.
0
6900
(EQ. 3)
ZL
8.66 kΩ
DOSA
MODULE
Rset
V1
V0
110 kΩ
FIGURE 12. RSET on a DOSA Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com