Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL2008
Description  Digital DC/DC Controller with Drivers and Pin-Strap Current Sharing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2008 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL2008 Datasheet HTML 9Page - Renesas Technology Corp ZL2008 Datasheet HTML 10Page - Renesas Technology Corp ZL2008 Datasheet HTML 11Page - Renesas Technology Corp ZL2008 Datasheet HTML 12Page - Renesas Technology Corp ZL2008 Datasheet HTML 13Page - Renesas Technology Corp ZL2008 Datasheet HTML 14Page - Renesas Technology Corp ZL2008 Datasheet HTML 15Page - Renesas Technology Corp ZL2008 Datasheet HTML 16Page - Renesas Technology Corp ZL2008 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
ZL2008
FN6859 Rev 4.00
Page 13 of 43
April 29, 2011
Output Voltage Selection
STANDARD MODE
The output voltage may be set to any voltage between 0.6V and
5.0V provided that the input voltage is higher than the desired
output voltage by an amount sufficient to prevent the device
from exceeding its maximum duty cycle specification. Using the
pin-strap method, VOUT can be set to any of nine standard
voltages as shown in Table 2.
The resistor setting method can be used to set the output voltage
to levels not available in Table 2. Resistors R0 and R1 are
selected to produce a specific voltage between 0.6V and 5.0V in
10mV steps. Resistor R1 provides a coarse setting and resistor
R0 provides a fine adjustment, thus eliminating the additional
errors associated with using two 1% resistors (this typically adds
approx 1.4% error).
To set VOUT using resistors, follow the steps below to calculate an
index value and then use Table 3 to select the resistor that
corresponds to the calculated index value as follows:
1. Calculate Index1:
Index1 = 4 x VOUT (VOUT in 10mV steps)
2. Round the result down to the nearest whole number.
3. Select the value of R1 from Table 3 using the Index1 rounded
value from step 2.
4. Calculate Index0:
5. Index0 = 100 x VOUT – (25 x Index1)
6. Select the value of R0 from Table 3 using the Index0 value
from Step 4.
Example from Figure 9: For VOUT = 1.33V,
Index1 = 4 x 1.33V = 5.32;
From Table 3, R1 = 16.2k
Index0 = (100 x 1.33V) – (25 x 5) = 8;
From Table 3, R0 = 21.5k
SMBUS MODE
The output voltage may be set to any value between 0.6V and
5.0V using a PMBus command over the I2C/SMBus interface.
See Application Note AN2033 for details.
TABLE 2. Output Voltage Pin-strap Settings
V0
LOW
(V)
OPEN
(V)
HIGH
(V)
V1
LOW
0.6
0.8
1.0
OPEN
1.2
1.5
1.8
HIGH
2.5
3.3
5.0
TABLE 3. Output Voltage Resistors Settings
Index
R0 or R1
(k
)
010
1
11
2
12.1
3
13.3
4
14.7
5
16.2
617.8
7
19.6
821.5
9
23.7
10
26.1
11
28.7
12
31.6
13
34.8
14
38.3
15
42.2
16
46.4
17
51.1
18
56.2
19
61.9
20
68.1
21
75
22
82.5
23
90.9
24
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com