Electronic Components Datasheet Search
  English  ▼

X  

ZL2008 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2008
Description  Digital DC/DC Controller with Drivers and Pin-Strap Current Sharing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2008 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2008 Datasheet HTML 17Page - Renesas Technology Corp ZL2008 Datasheet HTML 18Page - Renesas Technology Corp ZL2008 Datasheet HTML 19Page - Renesas Technology Corp ZL2008 Datasheet HTML 20Page - Renesas Technology Corp ZL2008 Datasheet HTML 21Page - Renesas Technology Corp ZL2008 Datasheet HTML 22Page - Renesas Technology Corp ZL2008 Datasheet HTML 23Page - Renesas Technology Corp ZL2008 Datasheet HTML 24Page - Renesas Technology Corp ZL2008 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ZL2008
FN6859 Rev 4.00
Page 21 of 43
April 29, 2011
CL (which is the average IOUTDCR product) is small and can be
neglected. Therefore, the minimum value of R1 may be
approximated Equation 26:
,
where PR1pkg-max is the maximum power dissipation
specification for the resistor package and P is the derating factor
for the same parameter (eg.: PR1pkg-max = 0.0625W for 0603
package, P = 50% @ 85°C). Once R1-min has been calculated,
solve for the maximum value of CL from Equation 27:
and choose the next-lowest readily available value (e.g.: For
CL-max = 1.86µF, CL = 1.5µF is a good choice). Then substitute
the chosen value into the same equation and re-calculate the
value of R1. Choose the 1% resistor standard value closest to this
re-calculated value of R1. The error due to the mismatch of the
two time constants is expressed in Equation 28:
The value of R2 should be simply five times that of R1:
For the RDS(ON) current sensing method, the external low side
MOSFET will act as the sensing element as indicated in
Figure 16.
Current Limit Threshold Selection
It is recommended that the user include a current limiting
mechanism in their design to protect the power supply from
damage and prevent excessive current from being drawn from
the input supply in the event that the output is shorted to ground
or an overload condition is imposed on the output. Current
limiting is accomplished by sensing the current through the
circuit during a portion of the duty cycle.
Output current sensing can be accomplished by measuring the
voltage across a series resistive sensing element according to
Equation 30:
Where:
ILIM is the desired maximum current that should flow in the
circuit.
RSENSE is the resistance of the sensing element.
VLIM is the voltage across the sensing element at the point the
circuit should start limiting the output current.
The ZL2008 supports “lossless” current sensing by measuring
the voltage across a resistive element that is already present in
the circuit. This eliminates additional efficiency losses incurred
by devices that must use an additional series resistance in the
circuit.
To set the current limit threshold, the user must first select a
current sensing method. The ZL2008 incorporates two methods
for current sensing, synchronous MOSFET RDS(ON) sensing and
inductor DC resistance (DCR) sensing; Figure 16 shows a
simplified schematic for each method. The current sensing
method can be selected using the CFG2 pin, as shown in
Tables 26 and 28, or via the I2C/SMBus interface. Please refer to
Application Note AN2033 for details.
In addition to selecting the current sensing method, the ZL2008
gives the power supply designer several choices for the fault
response during over or under current condition. The user can
select the number of violations allowed before declaring fault, a
blanking time and the action taken when a fault is detected.
The blanking time represents the time when no current
measurement is taken. This is to avoid taking a reading just after
a switching transition (less accurate due to potential ringing). It is
a configurable parameter.
Once the sensing method has been selected, the user must
select the voltage threshold (VLIM), the desired current limit
threshold, and the resistance of the sensing element.
The current limit threshold voltage can be selected by simply
connecting the ILIM pin as shown in Table 14. The ground-
referenced sensing method is being used in this mode. By
default, the IOUT_CAL_GAIN is set to 1m
 for DCR mode and
2m
 for RDS mode.
 
P
pkg
R
OUT
OUT
IN
P
V
D
V
V
D
R
max
1
2
2
max
min
1
1
(EQ. 26)
DCR
R
L
C
L
min
1
max
(EQ. 27)
%
100
1
1
avg
L
L
DCR
C
R
(EQ. 28)
1
2
5 R
R
(EQ. 29)
SENSE
LIM
LIM
R
I
V
(EQ. 30)
TABLE 14. Current Limit Threshold Voltage Pin-strap Settings
ILIM Pin
RDS VLIM
(mV)
DCR VLIM
(mV)
LOW
50
25
OPEN
60
30
HIGH
70
35
VIN
VOUT
GH
GL
ISENA
ZL
ISENB
SW
Inductor DCR Sensing
(VOUT must be less than 4.0 V)
VIN
VOUT
GH
GL
ISENA
ZL
ISENB
SW
MOSFET RDS(ON) Sensing
FIGURE 16. Current Sensing Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com