Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments INA253 Datasheet HTML 20Page - Texas Instruments INA253 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2.7V to 5.5V
INA253
REF2
VS
OUT
GND
IN-
IN+
REF1
VDD
Time (50ms/div)
-3
0
3
6
9
12
15
Common-Mode Input Signal
INA253A3 Output
17
INA253
www.ti.com
SLOS954 – MAY 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.1.3 Application Curve
Figure 14. Solenoid Drive Current Sense Input and Output Signals
9.2.2 Speaker Enhancements and Diagnostics using Current Sense Amplifier
CLASS-D audio amplifiers in conjunction with the INA253 can provide accurate speaker load current. Speaker
load current can be used to determine speaker diagnostics and can further be expanded to measure key speaker
parameters like speaker coil resistance and speaker's real time ambient temperature.
Figure 15. Current Sensing in a CLASS-D subsystem
9.2.2.1 Design Requirements
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Common mode voltage
24 V
Power-supply voltage
5 V
Maximum rms current
5 A
Frequency sweep
20 Hz - 20 Khz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com