Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA253 Datasheet HTML 3Page - Texas Instruments INA253 Datasheet HTML 4Page - Texas Instruments INA253 Datasheet HTML 5Page - Texas Instruments INA253 Datasheet HTML 6Page - Texas Instruments INA253 Datasheet HTML 7Page - Texas Instruments INA253 Datasheet HTML 8Page - Texas Instruments INA253 Datasheet HTML 9Page - Texas Instruments INA253 Datasheet HTML 10Page - Texas Instruments INA253 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
7
INA253
www.ti.com
SLOS954 – MAY 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA253 features a 2-mΩ, precision, current-sensing resistor and a 80-V common-mode, zero-drift topology,
precision, excellent common-mode rejection ratio (CMRR). It features enhanced pulse width modulation (PWM)
rejection current-sensing amplifier integrated into a single package. High precision measurements are enabled
through the matching of the shunt resistor value and the current-sensing amplifier gain providing a highly-
accurate, system-calibrated solution. Enhanced PWM rejection reduces the effect of common-mode transients on
the output signal that are associated with PWM signals. Multiple gain versions are available to allow for the
optimization of the desired full-scale output voltage based on the target current range expected in the application.
Multiple gain versions are available to allow for the optimization of the desired full-scale output voltage based on
the target current range expected in the application.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Integrated Shunt Resistor
The INA253 features a precise, low-drift, current-sensing resistor to allow for precision measurements over the
entire specified temperature range of –40°C to 125°C. The integrated current-sensing resistor ensures
measurement stability over temperature as well as improving layout and board constraint difficulties common in
high precision measurements.
The onboard current-sensing resistor is designed as a 4-wire (or Kelvin) connected resistor that enables accurate
measurements through a force-sense connection. Connecting the amplifier inputs pins (VIN– and VIN+) to the
sense pins of the shunt resistor (SH– and SH+) eliminates many of the parasitic impedances commonly found in
typical very-low sensing-resistor level measurements. Although the sense connection of the current-sensing
resistor can be accessed via the SH+ and SH– pins, this resistor is not intended to be used as a stand-alone
component. The INA253 is system-calibrated to ensure that the current-sensing resistor and current-sensing
amplifier are both precisely matched to one another. Use of the shunt resistor without the onboard amplifier
results in a current-sensing resistor tolerance of approximately 5%. To achieve the optimized system gain
specification, the onboard sensing resistor must be used with the internal current-sensing amplifier.
The INA253 has approximately 4.5 mΩ of package resistance. 2 mΩ of this total package resistance is a
precisely-controlled resistance from the Kelvin-connected current-sensing resistor used by the amplifier. The
power dissipation requirements of the system and package are based on the total 4.5-mΩ package resistance
between the IN+ and IN– pins. The heat dissipated across the package when current flows through the device
ultimately determines the maximum current that can be safely handled by the package. The current consumption
of the silicon is relatively low, leaving the total package resistance carrying the high load current as the primary
contributor to the total power dissipation of the package. The maximum safe-operating current level is set to
ensure that the heat dissipated across the package is limited so that no damage to the resistor or the package
itself occurs or that the internal junction temperature of the silicon does not exceed a 150°C limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com