Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA253 Datasheet HTML 2Page - Texas Instruments INA253 Datasheet HTML 3Page - Texas Instruments INA253 Datasheet HTML 4Page - Texas Instruments INA253 Datasheet HTML 5Page - Texas Instruments INA253 Datasheet HTML 6Page - Texas Instruments INA253 Datasheet HTML 7Page - Texas Instruments INA253 Datasheet HTML 8Page - Texas Instruments INA253 Datasheet HTML 9Page - Texas Instruments INA253 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
INA253
SLOS954 – MAY 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25 °C, VS = 5 V, ISENSE = IS+ = 0 A, VCM = 12 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
See Bandwidth section for more details
FREQUENCY RESPONSE
BW
Bandwidth(4)
All gains, –3-dB bandwidth
350
kHz
All gains, 2% THD+N(4)
100
kHz
Settling time - output settles to 0.5% of
final value
INA253A1, INA253A2, INA253A3
10
µs
SR
Slew rate
2
V/µs
NOISE (Input Referred)
Voltage noise density
40
nV/
√Hz
POWER SUPPLY
VS
Operating voltage range
TA = –40°C to +125°C
2.7
5.5
V
IQ
Quiescent current
ISENSE = 0 A
1.8
2.4
mA
IQ vs temperature, TA = –40°C to
+125°C
2.6
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com