Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA253 Datasheet HTML 9Page - Texas Instruments INA253 Datasheet HTML 10Page - Texas Instruments INA253 Datasheet HTML 11Page - Texas Instruments INA253 Datasheet HTML 12Page - Texas Instruments INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
R1
R2
ADC
+
-
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
REF5025
2.5±V
Reference
13
INA253
www.ti.com
SLOS954 – MAY 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.6 Output Set to Mid-External Reference
In this example, an external reference is divided by two by connecting one REF pin to ground and the other REF
pin to the reference, as shown in Figure 9.
Figure 9. Mid-External Reference Output
8.4.7 Output Set Using Resistor Divide
The INA253 REF1 and REF2 pins allow for the midpoint of the output voltage to be adjusted for system circuitry
connections to analog to digital converters (ADCs) or other amplifiers. The REF pins are designed to be
connected directly to supply, ground, or a low-impedance reference voltage. The REF pins can be connected
together and biased using a resistor divider to achieve a custom output voltage. If the amplifier is used in this
configuration, as shown in Figure 10, use the output as a differential signal with respect to the resistor divider
voltage. Use of the amplifier output as a single-ended signal in this configuration is not recommended because
the internal impedance shifts can adversely affect device performance specifications.
Figure 10. Setting the Reference Using a Resistor Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com