Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA253 Datasheet HTML 8Page - Texas Instruments INA253 Datasheet HTML 9Page - Texas Instruments INA253 Datasheet HTML 10Page - Texas Instruments INA253 Datasheet HTML 11Page - Texas Instruments INA253 Datasheet HTML 12Page - Texas Instruments INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
50k
50k
IS+
IS-
IN+
IN-
SH+
SH-
2mO
0.1%
REF5025
2.5±V
Reference
12
INA253
SLOS954 – MAY 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.4.1 Output Set to External Reference Voltage
Connecting both pins together and then to a reference voltage results in an output voltage equal to the reference
voltage for the condition of shorted input pins or a 0-V differential input. This configuration is shown in Figure 7.
The output voltage decreases below the reference voltage when the IN+ pin is negative relative to the IN– pin
and increases when the IN+ pin is positive relative to the IN– pin. This technique is the most accurate way to
bias the output to a precise voltage.
Figure 7. External Reference Output
8.4.5 Output Set to Mid-Supply Voltage
By connecting one reference pin to VS and the other to the GND pin, the output is set at half of the supply when
there is no differential input, as shown in Figure 8. This method creates a ratiometric offset to the supply voltage,
where the output voltage remains at VS / 2 for 0 V applied to the inputs.
Figure 8. Mid-Supply Voltage Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com