Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 3 Page - Texas Instruments

  INA253 Datasheet HTML 1Page - Texas Instruments INA253 Datasheet HTML 2Page - Texas Instruments INA253 Datasheet HTML 3Page - Texas Instruments INA253 Datasheet HTML 4Page - Texas Instruments INA253 Datasheet HTML 5Page - Texas Instruments INA253 Datasheet HTML 6Page - Texas Instruments INA253 Datasheet HTML 7Page - Texas Instruments INA253 Datasheet HTML 8Page - Texas Instruments INA253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
INA253
www.ti.com
SLOS954 – MAY 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
GAIN (mV/A)
INA253A1
100
INA253A2
200
INA253A3
400
6 Pin Configuration and Functions
PW Package
20-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IS–
Analog input
Connect to load
2
IS–
Analog input
Connect to load
3
IS–
Analog input
Connect to load
4
SH-
Analog output
Kelvin connection to internal shunt. Connect to IN- if no filtering is needed
5
IN-
Analog input
Voltage input from load side of shunt resistor
6
GND
—
Ground
7
DNC1
—
Do not connect this pin to any potential, leave it floating.
8
NC
—
No connect
9
VS
Analog
Power supply, 2.7 V to 5.5 V
10
REF2
Analog input
Reference voltage 2, 0 V to VS
11
REF1
Analog input
Reference voltage 1, 0 V to VS
12
NC
—
No connect
13
OUT
Analog
Output voltage
14
DNC2
—
Do not connect this pin to any potential, leave it floating.
15
NC
Analog
Reserved, Recommended to connect it to Ground
16
IN+
Analog input
Voltage input from supply side of shunt resistor
17
SH+
Analog output
Kelvin connection to internal shunt. Connect to IN+ if no filtering is needed
18
IS+
Analog input
Connect to supply
19
IS+
Analog input
Connect to supply
20
IS+
Analog input
Connect to supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com