Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8260 Datasheet HTML 24Page - Analog Devices AD8260 Datasheet HTML 25Page - Analog Devices AD8260 Datasheet HTML 26Page - Analog Devices AD8260 Datasheet HTML 27Page - Analog Devices AD8260 Datasheet HTML 28Page - Analog Devices AD8260 Datasheet HTML 29Page - Analog Devices AD8260 Datasheet HTML 30Page - Analog Devices AD8260 Datasheet HTML 31Page - Analog Devices AD8260 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 32 of 32
OUTLINE DIMENSIONS
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.20 MIN
2.85
2.70 SQ
2.55
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD-2.
Figure 77. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.75 mm Package Height
(CP-32-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Package Description
Package Option
AD8260ACPZ-R7
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-21
AD8260ACPZ-RL
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-21
AD8260ACPZ-WP
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-21
AD8260-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2008–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07192-0-5/16(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com