Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8260 Datasheet HTML 15Page - Analog Devices AD8260 Datasheet HTML 16Page - Analog Devices AD8260 Datasheet HTML 17Page - Analog Devices AD8260 Datasheet HTML 18Page - Analog Devices AD8260 Datasheet HTML 19Page - Analog Devices AD8260 Datasheet HTML 20Page - Analog Devices AD8260 Datasheet HTML 21Page - Analog Devices AD8260 Datasheet HTML 22Page - Analog Devices AD8260 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 19 of 32
0.1µF
475Ω
475Ω
100Ω
100Ω
VMDO
+
–
PREAMP
0.1µF
0.1µF
SPECTRUM
ANALYZER
50Ω
1:1
LP
FILTER
50Ω
50Ω
SIGNAL
GENERATOR
IN
AD8260—VGA/PREAMPLIFIER
Figure 62. Test Circuit for Harmonic Distortion Measurements of the VGA/Preamplifier
VMDO
0.1µF
100Ω
+
–
100Ω
PREAMP
OSCILLOSCOPE
50Ω
50Ω
IN
50Ω
AD8260—VGA/PREAMPLIFIER
Figure 63. Test Circuit for IP1dB, Pulse Response, Overdrive Recovery, and Gain Response of the VGA/Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com