Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8260 Datasheet HTML 2Page - Analog Devices AD8260 Datasheet HTML 3Page - Analog Devices AD8260 Datasheet HTML 4Page - Analog Devices AD8260 Datasheet HTML 5Page - Analog Devices AD8260 Datasheet HTML 6Page - Analog Devices AD8260 Datasheet HTML 7Page - Analog Devices AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices AD8260 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage (VPOS, VNEG)
±6 V
Input Voltage (INxx, PRAI, FDBK, VMDI,
VOCM)
VPOS, VNEG
Logic Voltages
VPOS, ground
Temperature
Operating Temperature Range
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Thermal Data1
Maximum Junction Temperature
125°C
θJA
47.3°C/W
θJC
6.9°C/W
θJB
28.6°C/W
ΨJT
0.6°C/W
ΨJB
27.4°C/W
1 Thermal data at zero airflow with exposed pad soldered to four-layer JEDEC
board with vias per JESD51-5.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com