Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8260 Datasheet HTML 19Page - Analog Devices AD8260 Datasheet HTML 20Page - Analog Devices AD8260 Datasheet HTML 21Page - Analog Devices AD8260 Datasheet HTML 22Page - Analog Devices AD8260 Datasheet HTML 23Page - Analog Devices AD8260 Datasheet HTML 24Page - Analog Devices AD8260 Datasheet HTML 25Page - Analog Devices AD8260 Datasheet HTML 26Page - Analog Devices AD8260 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 23 of 32
Assuming RS = 0, RFB1 = RFB2 = 100 Ω, At = 16, and AVGA = 8, the
noise simplifies to
Hz
/
nV
39
)
8
12
.
3
(
)
8
29
.
1
(
2
)
16
6
.
1
(
2
2
2
out
n
e
(2)
Taking this result and dividing by 16 gives the total input-referred
noise with a short-circuited input as 2.4 nV/Hz. When the
preamplifier is used in the inverting configuration with the
same RFB1 = RFB2 = 100 Ω as in the previous example, then en-out
does not change; however, because the gain decreases by 6 dB,
the input-referred noise increases by a factor of 2 to about
4.8 nV/Hz. The reason for this is that the noise gain to the DGA
output of all the noise generators stays the same, but the preamp
inverting gain is (−1×) compared to the (+2×) in the noninverting
configuration. This doubles the input-referred noise.
DGA
Referring to Figure 64, the signal path consists of a 30 dB
programmable attenuator followed by a fixed gain amplifier of
18 dB for a total DGA gain range of −12 dB to +18 dB. With the
preamplifier configured for a gain of 6 dB, the composite gain
range is −6 dB to +24 dB from single-ended preamplifier input
to differential DGA output.
The DGA plus preamplifier with 6 dB of gain implements the
following gain law:
)
dB
(
01
.
3
)
dB
(
ICPT
Code
Code
dB
Gain


where:
ICPT is the nominal intercept, −9 dB.
Code values are decimal from 1 to 11.
The ICPT increases as the gain of the preamplifier is increased.
For example, if the gain of the preamplifier is increased by 6 dB,
then ICPT increases to −3 dB.
GAIN CONTROL
To change the gain, the desired four bits are programmed on
Pin GNS0 to Pin GNS3, where GNS0 is the LSB (D0) and GNS3
is the MSB (D3). The states of Decimal 0 and Decimal 12 through
Decimal 15 disable the preamplifier (PrA) and DGA (see Table 4).
Table 4. Gain Control Logic Table
D3
D2
D1
D0
Function
Comments
0
0
0
0
Disable
PrA and DGA powered down
0
0
0
1
−6
The numbers in the function
column are composite gain
values in dB for the
corresponding code, when
the preamplifier gain is 6 dB.
For other values of
preamplifier gain, the gain is
amended accordingly; for
example, if the preamplifier
gain is 12 dB, the gain values
increase by 6 dB. When
using the DGA single ended,
the composite gain
decreases by 6 dB.
0
0
1
0
−3
0
0
1
1
0
0
1
0
0
3
0
1
0
1
6
0
1
1
0
9
0
1
1
1
12
1
0
0
0
15
1
0
0
1
18
1
0
1
0
21
1
0
1
1
24
1
1
0
0
Disable
PrA and DGA powered down
1
1
0
1
Disable
PrA and DGA powered down
1
1
1
0
Disable
PrA and DGA powered down
1
1
1
1
Disable
PrA and DGA powered down
OUTPUT STAGE
The gain of the voltage feedback output stage is fixed at 18 dB and
inaccessible to the user. Otherwise, it is similar to the preamplifier
in speed and bandwidth. The overall −3 dB bandwidth of the
preamplifier and DGA combination is 230 MHz.
ATTENUATOR
The input resistance of the VGA attenuator is nominally 265 Ω.
Assuming that the default preamplifier feedback network of RFB1
and RFB2 is 200 Ω, the effective preamplifier load is about 114 Ω.
The attenuator is composed of ten 3.01 dB sections for a total
attenuation span of −30.10 dB. Following the attenuator is a
fixed gain amplifier with 18 dB (8×) gain. Because of this relatively
low gain, the output offset is less than 20 mV over the operating
temperature range; the offset is largest at maximum gain because
the preamplifier offset is amplified. The VMDO pin defines the
common-mode reference for the input and output. The voltage
at VMID is half the supply voltage for single-supply operation
and 0 V when dual supplies are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com