Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8260 Datasheet HTML 14Page - Analog Devices AD8260 Datasheet HTML 15Page - Analog Devices AD8260 Datasheet HTML 16Page - Analog Devices AD8260 Datasheet HTML 17Page - Analog Devices AD8260 Datasheet HTML 18Page - Analog Devices AD8260 Datasheet HTML 19Page - Analog Devices AD8260 Datasheet HTML 20Page - Analog Devices AD8260 Datasheet HTML 21Page - Analog Devices AD8260 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 18 of 32
VMDO
0.1µF
100Ω
+
–
100Ω
PREAMP
IN
NETWORK ANALYZER
0.1µF 453Ω
0.1µF 453Ω
50Ω
50Ω
AD8260—VGA/PREAMPLIFIER
Figure 59. Test Circuit for Frequency Response and Group Delay of the VGA/Preamplifier
+3.3V
–3.3V
0.1µF
100Ω
+
–
100Ω
PREAMP
IN
NETWORK ANALYZER
WITH S-PARAMETER
CAPABILITY
50Ω
AD8260—VGA/
PREAMPLIFIER
Figure 60. Test Circuit for Output Resistance of the VGA/Preamplifier
0.1µF
1kΩ
1kΩ
100Ω
100Ω
VMDO
VMDO
SPECTRUM
ANALYZER
50Ω
+
–
PREAMP
VGA
0.1µF
0.1µF
0.1µF
AD8129
×10
AD8260—VGA/PREAMPLIFIER
Figure 61. Test Circuit for Input-Referred and Output-Referred Noise Measurements of the VGA/Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com