Electronic Components Datasheet Search
  English  ▼

X  

AD8260 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 3 Page - Analog Devices

  AD8260 Datasheet HTML 1Page - Analog Devices AD8260 Datasheet HTML 2Page - Analog Devices AD8260 Datasheet HTML 3Page - Analog Devices AD8260 Datasheet HTML 4Page - Analog Devices AD8260 Datasheet HTML 5Page - Analog Devices AD8260 Datasheet HTML 6Page - Analog Devices AD8260 Datasheet HTML 7Page - Analog Devices AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 3 of 32
SPECIFICATIONS
VS (supply voltage) = 3.3 V, TA = 25°C, preamplifier gain = 2× (RFB1 = RFB2 = 100 Ω), VVMDO = VS/2, f = 10 MHz, CL = 5 pF, RLOAD = 500 Ω,
DGA differential output. All dBm values are referenced to 50 Ω, gain code 1011, unless otherwise specified.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DRIVER AMPLIFIER—GENERAL PARAMETERS
−3 dB Small Signal Bandwidth
VOUT = 10 mV p-p, RLOAD = 500 Ω
195
MHz
VOUT = 10 mV p-p, RLOAD = 50 Ω
120
MHz
VOUT = 10 mV p-p, RLOAD = 10 Ω
85
MHz
−3 dB Large Signal Bandwidth
VOUT = 1 V p-p
195
MHz
VOUT = 2 V p-p
190
MHz
VOUT = 2 V p-p, RLOAD = 50 Ω
180
MHz
Slew Rate
VOUT = 1 V p-p
730
V/µs
VOUT = 2 V p-p
725
V/µs
VOUT = 2 V p-p, RLOAD = 50 Ω
620
V/µs
Gain
Nominal gain with internal gain setting resistors
3.0
3.52
dB
Input Voltage Noise
f = 10 MHz
9.5
nV/√Hz
Noise Figure
RS = 100 Ω (differential, 2 × 50 Ω that convert
differential DAC output currents to differential voltage)
17.6
dB
Output-Referred Noise
Gain = 3.52 dB (1.5×), includes internal gain setting
resistors
14.3
nV/√Hz
Output Impedance
DC to 10 MHz, VS = ±3.3 V
≤1.7
Ω
Output Current
RLOAD = 1 Ω, VIN = ±0.5 V
±310
mA
Output Signal Range
RLOAD ≥ 500 Ω
VMDO ± 1.5
V
VS = +5 V
VMDO ± 2.3
V
VS = ±5 V
±4.7
V
Input Signal Range
Differential input signal
2
V p-p
Output Offset Voltage
Gain = 3.52 dB (1.5×), maximum and minimum limits
are 3σ
−20
±5
+20
mV
DRIVER AMPLIFIER—DYNAMIC PERFORMANCE
Harmonic Distortion
VOUT = 1 V p-p
HD2
f = 1 MHz
−84
dBc
HD3
−85
dBc
HD2
f = 10 MHz
−83
dBc
HD3
−70
dBc
Harmonic Distortion
VOUT = 2 V p-p
HD2
f = 1 MHz
−78
dBc
HD3
−76
dBc
HD2
f = 10 MHz
−70
dBc
HD3
−58
dBc
Input 1 dB Compression Point
13
dBm
Multitone Power Ratio (MTPR, In-Band)
RLOAD = 50 Ω, VOUT = 1.4 V p-p max, 10 tones, 2 MHz to
22 MHz with missing tone at 12 MHz (spacing 2 MHz)
−49
dBc
RLOAD = 50 Ω, VOUT = 1.4 V p-p max, 16 tones, 2 MHz to
38 MHz with missing tones at 10 MHz, 20 MHz, 30 MHz,
and 40 MHz (spacing 2 MHz)
−43
dBc
Two-Tone Intermodulation Distortion (IMD3)
VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−90
dBc
VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−71
dBc
VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−60
dBc
VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−48
dBc
Output Third-Order Intercept
VOUT = 1 V p-p, f = 10 MHz
43
dBm
VOUT = 2 V p-p, f = 10 MHz
40
dBm
VOUT = 1 V p-p, f = 45 MHz
28
dBm
VOUT = 2 V p-p, f = 45 MHz
28
dBm
Two-Tone Intermodulation Distortion (IMD3),
RLOAD = 50 Ω
VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−69
dBc
VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−72
dBc
VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−51
dBc
VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−48
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com