Electronic Components Datasheet Search
  English  ▼

X  

HT46C47 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
6
May 3, 2004
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
2048
´14 bits, addressed by the program counter and ta-
ble pointer.
Certain locations in the program memory are reserved
for special usage:
· Location 000H
This area is reserved for program initialization. After
chip reset, the program always begins execution at lo-
cation 000H.
· Location 004H
This area is reserved for the external interrupt service
program. If the INT input pin is activated, the interrupt
is enabled and the stack is not full, the program begins
execution at location 004H.
· Location 008H
This area is reserved for the timer/event counter inter-
rupt service program. If a timer interrupt results from a
timer/event counter overflow, and if the interrupt is en-
abled and the stack is not full, the program begins exe-
cution at location 008H.
· Location 00CH
This area is reserved for the A/D converter interrupt
service program. If an A/D converter interrupt results
from an end of A/D conversion, and if the interrupt is
enabled and the stack is not full, the program begins
execution at location 00CH.
· Table location
Any location in the ROM space can be used as
look-up tables. The instructions
²TABRDC [m]² (the
current page, 1 page=256 words) and
²TABRDL [m]²
(the last page) transfer the contents of the lower-order
byte to the specified data memory, and the
higher-order byte to TBLH (08H). Only the destination
of the lower-order byte in the table is well-defined, the
other bits of the table word are transferred to the lower
portion of TBLH, and the remaining 2 bits are read as
²0². The Table Higher-order byte register (TBLH) is
read only. The table pointer (TBLP) is a read/write reg-
ister (07H), which indicates the table location. Before
accessing the table, the location must be placed in
TBLP. The TBLH is read only and cannot be restored.
If the main routine and the ISR (Interrupt Service Rou-
tine) both employ the table read instruction, the con-
tents of the TBLH in the main routine are likely to be
changed by the table read instruction used in the ISR.
Errors can occur. In other words, using the table read
instruction in the main routine and the ISR simulta-
neously should be avoided. However, if the table read
instruction has to be applied in both the main routine
and the ISR, the interrupt is supposed to be disabled
prior to the table read instruction. It will not be enabled
until the TBLH has been backed up. All table related
instructions require two cycles to complete the opera-
tion. These areas may function as normal program
memory depending upon the requirements.
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter (PC) only. The
stack is organized into 6 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At a subroutine call or interrupt acknowledgment, the
contents of the program counter are pushed onto the
stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value from the
1 4 b i t s
n 0 0 H
n F F H
P r o g r a m
M e m o r y
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n r a n g e s f r o m 0 t o 7
0 0 0 H
0 0 4 H
0 0 8 H
A / D C o n v e r t e r I n t e r r u p t S u b r o u t i n e
0 0 C H
7 F F H
7 0 0 H
Program Memory
Instruction
Table Location
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*10~*0: Table location bits
P10~P8: Current program counter bits
@7~@0: Table pointer bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com