Electronic Components Datasheet Search
  English  ▼

X  

HT46C47 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
11
May 3, 2004
tem clock period) to resume normal operation. In other
words, a dummy period will be inserted after wake-up. If
the wake-up results from an interrupt acknowledgment,
the actual interrupt subroutine execution will be delayed
by one or more cycles. If the wake-up results in the next
instruction execution, this will be executed immediately
after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the PC and SP, leaving the other cir-
cuits in their original state. Some registers remain un-
changed during other reset conditions. Most registers
are reset to the
²initial condition² when the reset condi-
tions are met. By examining the PDF and TO flags, the
program can distinguish between different
²chip resets².
TO PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² means ²unchanged²
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem reset (power-up, WDT time-out or RES reset) or the
system awakes from the HALT state.
When a system reset occurs, the SST delay is added
during the reset period. Any wake-up from HALT will en-
able the SST delay.
An extra option load time delay is added during system
reset (power-up, WDT time-out at normal mode or RES
reset).
The functional unit chip reset status are shown below.
PC
000H
Interrupt
Disable
WDT
Clear. After master reset,
WDT begins counting
Timer/Event Counter Off
Input/Output Ports
Input mode
SP
Points to the top of the stack
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
S y s t e m R e s e t
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
Reset Configuration
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com