Electronic Components Datasheet Search
  English  ▼

X  

HT46C47 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
10
May 3, 2004
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are required. Instead of a crystal, a resona-
tor can also be connected between OSC1 and OSC2 to
get a frequency reference, but two external capacitors in
OSC1 and OSC2 are required (If the oscillating fre-
quency is less than 1MHz).
The WDT oscillator is a free running on-chip RC oscillator,
and no external components are required. Even if the sys-
tem enters the power down mode, the system clock is
stopped, but the WDT oscillator still works with a period of
approximately 65
ms@5V. The WDT oscillator can be dis-
abled by options to conserve power.
Watchdog Timer
- WDT
The clock source of WDT is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4), decided by options. This timer is
designed to prevent a software malfunction or sequence
from jumping to an unknown location with unpredictable
results. The Watchdog Timer can be disabled by an op-
tion. If the Watchdog Timer is disabled, all the execu-
tions related to the WDT result in no operation.
Once the internal oscillator (RC oscillator with a period
of 65
ms@5V normally) is selected, it is divided by
32768~65536 to get the time-out period of approxi-
mately 2.1s~4.3s. This time-out period may vary with
temperatures, VDD and process variations. If the WDT
oscillator is disabled, the WDT clock may still come from
the instruction clock and operate in the same manner
except that in the HALT state the WDT may stop count-
ing and lose its protecting purpose. In this situation the
logic can only be restarted by external logic.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit ²TO². But in the HALT
mode, the overflow will initialize a
²warm reset², and
only the PC and SP are reset to zero. To clear the con-
tents of WDT, three methods are adopted; external reset
(a low level to RES), software instruction and a HALT in-
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the options
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e. CLR WDT times
equal one), any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLR WDT times equal
two), these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT will be cleared and recounted again (if the WDT
clock is from the WDT oscillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the reason for chip reset can be determined.
The PDF flag is cleared by system power-up or execut-
ing the
²CLR WDT² instruction and is set when execut-
ing the
²HALT² instruction. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the PC and SP; the others keep their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by the options. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If it is awakening from an interrupt, two
sequences may happen. If the related interrupt is dis-
abled or the interrupt is enabled but the stack is full, the
program will resume execution at the next instruction. If
the interrupt is enabled and the stack is not full, the regu-
lar interrupt response takes place. If an interrupt request
flag is set to
²1² before entering the HALT mode, the
wake-up function of the related interrupt will be disabled.
Once a wake-up event occurs, it takes 1024 tSYS (sys-
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
7 - b i t C o u n t e r
T
C L R W D T
O p t i o n
S e l e c t
W D T
O S C
T
W D T T i m e - o u t
f S / 2 ~ f S / 2
1 5
1 6
f S
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com