Electronic Components Datasheet Search
  English  ▼

X  

HT46C47 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
7
May 3, 2004
stack. After a chip reset, the SP will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost (only the most recent 6 return ad-
dresses are stored).
Data Memory
- RAM
The data memory is designed with 85
´8 bits. The data
memory is divided into two functional groups: special
function registers and general purpose data memory
(64
´8). Most are read/write, but some are read only.
The special function registers include the indirect ad-
dressing register (00H), timer/event counter
(TMR;0DH), timer/event counter control register
(TMRC;0EH), program counter lower-order byte regis-
ter (PCL;06H), memory pointer register (MP;01H), ac-
cumulator (ACC;05H), table pointer (TBLP;07H), table
higher-order byte register (TBLH;08H), status register
(STATUS;0AH), interrupt control register (INTC;0BH),
PWM data register (PWM;1AH), the A/D result
lower-order byte register (ADRL;20H), the A/D result
higher-order byte register (ADRH;21H), the A/D control
register (ADCR;22H), the A/D clock setting register
(ACSR;23H), I/O registers (PA;12H, PB;14H, PD;18H)
and I/O control registers (PAC;13H, PBC;15H,
PDC;19H). The remaining space before the 40H is re-
served for future expanded usage and reading these lo-
cations will get
²00H². The general purpose data
memory, addressed from 40H to 7FH, is used for data
and control information under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer register (MP;01H).
Indirect Addressing Register
Location 00H is an indirect addressing register that is
not physically implemented. Any read/write operation of
[00H] accesses data memory pointed to by MP (01H).
Reading location 00H itself indirectly will return the re-
sult 00H. Writing indirectly results in no operation.
The memory pointer register MP (01H) is a 7-bit register.
The bit 7 of MP is undefined and reading will return the
result
²1². Any writing operation to MP will only transfer the
lower 7-bit data to MP.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
: U n u s e d
R e a d a s " 0 0 "
3 F H
2 4 H
2 0 H
2 1 H
2 2 H
2 3 H
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 6 4 B y t e s )
7 F H
4 0 H
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com