Electronic Components Datasheet Search
  English  ▼

X  

HT46C47 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
18
May 3, 2004
Low Voltage Reset
- LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~3.3V, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
· The LVR uses the
²OR² function with the external RES
signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip
operation at 4MHz system clock.
Options
The following table shows all kinds of options in the
microcontroller. All of the options must be defined to en-
sure proper system functioning.
No.
Options
1
WDT clock source: WDTOSC or fTID
2
WDT function: enable or disable
3
CLRWDT instruction(s): one or two clear WDT
instruction(s)
4
System oscillator: RC or crystal
5
Pull-high resistors (PA, PB, PD): none or pull-high
6
PWM enable or disable
7
PA0~PA7 wake-up: enable or disable
8
PFD enable or disable
9
Low voltage reset selection: enable or disable
LVR function.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
7 6 t A D
A / D c o n v e r s i o n t i m e
7 6 t A D
A / D c o n v e r s i o n t i m e
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
0 0 0 B
S T A R T
E O C B
P C R 2 ~ P C R 0
A C S 2 ~ A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
1 . P B p o r t s e t u p a s I / O s
2 . A / D c o n v e r t e r i s p o w e r e d o f f
t o r e d u c e p o w e r c o n s u m p t i o n
A / D c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 o r f S Y S / 3 2
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
1 0 0 B
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
3 2 t A D
M i n i m u m o n e i n s t r u c t i o n c y c l e n e e d e d
d o n ' t c a r e
A / D s a m p l i n g t i m e
3 2 t A D
E n d o f A / D
c o n v e r s i o n
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com