Electronic Components Datasheet Search
  English  ▼

X  

HT46C47 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Application Circuits
The following table shows the C1, C2 and R1 value according different crystal values.
Crystal or Resonator
C1, C2
R1
4MHz Crystal
0pF
10k
W
4MHz Resonator (3 pin)
0pF
12k
W
4MHz Resonator (2 pin)
10pF
12k
W
3.58MHz Crystal
0pF
10k
W
3.58MHz Resonator (2 pin)
25pF
10k
W
2MHz Crystal & Resonator (2 pin)
25pF
10k
W
1MHz Crystal
35pF
27k
W
480kHz Resonator
300pF
9.1k
W
455kHz Resonator
300pF
10k
W
429kHz Resonator
300pF
10k
W
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES to high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
HT46R47/HT46C47
Rev. 1.30
19
May 3, 2004
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: Since the low voltage has to maintain in its original state and exceed 1ms, therefore 1ms delay enter the
reset mode.
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
R C S y s t e m O s c i l l a t o r
3 0 k W < R O S C < 7 5 0 k W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C 1
O S C 2
R 1
C 1
C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
O S C C i r c u i t
S e e R i g h t S i d e
H T 4 6 R 4 7 / H T 4 6 C 4 7
P D 0 / P W M
P B 0 / A N 0
P B 3 / A N 3
P A 0 ~ P A 2
P A 3 / P F D
P A 4 / T M R
P A 5 / I N T
P A 6 ~ P A 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com